Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 42 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 42 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 221 page
background image
40
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to GRM Series Specifications and Test Method (2).
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GRM319R72A153KA01L
GRM31MR72A223KA01L
GRM31MR72A333KA01L
GRM31MR72A473KA01L
GRM31MR72A683KA01L
GRM319R72A104KA01D
GRM31MR72A154KA01L
GRM31MR72A224KA01L
GRM31MR72A474KA35L
GRM31MR72A684KA35L
GRM31CR72A105KA01L
50(
1H)
GRM31MR71H154KA01L
GRM31MR71H224KA01L
GRM319R71H334KA01D
GRM31MR71H474KA01L
GRM31MR71H684KA88L
GRM31MR71H105KA88L
GRM31CR71H225KA88L
GRM31CR71H475KA12L
25(
1E)
GRM319R71E334KA01D
GRM319R71E474KA01D
GRM319R71E684KA01D
GRM31MR71E225KA93L
GRM31CR71E475KA88L
GRM31CR71E106KA12L*
16(
1C)
GRM31MR71C225KA35L
GRM31CR71C475KA01L
GRM31CR71C106KAC7L*
3.2x1.6(
31)<1206>
15000pF(
153)
22000pF(
223)
33000pF(
333)
47000pF(
473)
68000pF(
683)
0.10
µF(104)
0.15
µF(154)
0.22
µF(224)
0.33
µF(334)
0.47
µF(474)
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
10
µF(106)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
10(
1A)
GRM31CR71A106KA01L
GRM31CR71A226ME15L*
6.3(
0J)
GRM31CR70J226ME19L*
4(
0G)
GRM31CE70G476ME15L*
3.2x1.6(
31)<1206>
10
µF(106)
22
µF(226)
47
µF(476)
±10%(K)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GRM32CR72A684KA01L
GRM32CR72A105KA35L
GRM32ER72A225KA35L
50(
1H)
GRM32ER71H475KA88L
35(
YA)
GRM32ER7YA106KA12L
25(
1E)
GRM32DR71E106KA12L
GRM32ER71E226ME15L*
3.2x2.5(
32)<1210>
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
10
µF(106)
22
µF(226)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
GRM32ER71C226MEA8L*
10(
1A)
GRM32ER71A226ME20L*
GRM32ER71A476ME15L*
6.3(
0J)
GRM32ER70J476ME20L*
4(
0G)
GRM32EE70G107ME19L*
3.2x2.5(
32)<1210>
22
µF(226)
47
µF(476)
100
µF(107)
±20%(M)
±20%(M)
±20%(M)
High Dielectric Constant Type X7R(R7)/X7U(E7) Characteristics
GR
M
31
9
R7
2A
153
K
A01
L
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com