Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 221 page
background image
20
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
GRM0225C1C5R3WD05L
GRM0225C1C5R3BD05L
GRM0225C1C5R3CD05L
GRM0225C1C5R3DD05L
GRM0225C1C5R4WD05L
GRM0225C1C5R4BD05L
GRM0225C1C5R4CD05L
GRM0225C1C5R4DD05L
GRM0225C1C5R5WD05L
GRM0225C1C5R5BD05L
GRM0225C1C5R5CD05L
GRM0225C1C5R5DD05L
GRM0225C1C5R6WD05L
GRM0225C1C5R6BD05L
GRM0225C1C5R6CD05L
GRM0225C1C5R6DD05L
GRM0225C1C5R7WD05L
GRM0225C1C5R7BD05L
GRM0225C1C5R7CD05L
GRM0225C1C5R7DD05L
GRM0225C1C5R8WD05L
GRM0225C1C5R8BD05L
GRM0225C1C5R8CD05L
GRM0225C1C5R8DD05L
GRM0225C1C5R9WD05L
GRM0225C1C5R9BD05L
GRM0225C1C5R9CD05L
GRM0225C1C5R9DD05L
GRM0225C1C6R0WD05L
GRM0225C1C6R0BD05L
GRM0225C1C6R0CD05L
GRM0225C1C6R0DD05L
GRM0225C1C6R1WD05L
GRM0225C1C6R1BD05L
GRM0225C1C6R1CD05L
GRM0225C1C6R1DD05L
GRM0225C1C6R2WD05L
GRM0225C1C6R2BD05L
GRM0225C1C6R2CD05L
GRM0225C1C6R2DD05L
GRM0225C1C6R3WD05L
GRM0225C1C6R3BD05L
GRM0225C1C6R3CD05L
GRM0225C1C6R3DD05L
0.4x0.2(
02)<01005>
50(
1H)
GRM0335C1H5R3WD01D
GRM0335C1H5R3BD01D
GRM0335C1H5R3CD01D
GRM0335C1H5R3DD01D
GRM0335C1H5R4WD01D
GRM0335C1H5R4BD01D
GRM0335C1H5R4CD01D
GRM0335C1H5R4DD01D
GRM0335C1H5R5WD01D
GRM0335C1H5R5BD01D
GRM0335C1H5R5CD01D
GRM0335C1H5R5DD01D
GRM0335C1H5R6WD01D
GRM0335C1H5R6BD01D
GRM0335C1H5R6CD01D
GRM0335C1H5R6DD01D
GRM0335C1H5R7WD01D
GRM0335C1H5R7BD01D
GRM0335C1H5R7CD01D
GRM0335C1H5R7DD01D
GRM0335C1H5R8WD01D
GRM0335C1H5R8BD01D
GRM0335C1H5R8CD01D
GRM0335C1H5R8DD01D
GRM0335C1H5R9WD01D
GRM0335C1H5R9BD01D
GRM0335C1H5R9CD01D
GRM0335C1H5R9DD01D
GRM0335C1H6R0WD01D
GRM0335C1H6R0BD01D
GRM0335C1H6R0CD01D
GRM0335C1H6R0DD01D
GRM0335C1H6R1WD01D
GRM0335C1H6R1BD01D
GRM0335C1H6R1CD01D
GRM0335C1H6R1DD01D
GRM0335C1H6R2WD01D
GRM0335C1H6R2BD01D
GRM0335C1H6R2CD01D
GRM0335C1H6R2DD01D
GRM0335C1H6R3WD01D
GRM0335C1H6R3BD01D
GRM0335C1H6R3CD01D
GRM0335C1H6R3DD01D
0.6x0.3(
03)<0201>
50(
1H)
GRM1555C1H5R3WA01D
GRM1555C1H5R3BA01D
GRM1555C1H5R3CA01D
GRM1555C1H5R3DA01D
GRM1555C1H5R4WA01D
GRM1555C1H5R4BA01D
GRM1555C1H5R4CA01D
GRM1555C1H5R4DA01D
GRM1555C1H5R5WA01D
GRM1555C1H5R5BA01D
GRM1555C1H5R5CA01D
GRM1555C1H5R5DA01D
GRM1555C1H5R6WA01D
GRM1555C1H5R6BA01D
GRM1555C1H5R6CA01D
GRM1555C1H5R6DA01D
GRM1555C1H5R7WA01D
GRM1555C1H5R7BA01D
GRM1555C1H5R7CA01D
GRM1555C1H5R7DA01D
GRM1555C1H5R8WA01D
GRM1555C1H5R8BA01D
GRM1555C1H5R8CA01D
GRM1555C1H5R8DA01D
GRM1555C1H5R9WA01D
GRM1555C1H5R9BA01D
GRM1555C1H5R9CA01D
GRM1555C1H5R9DA01D
GRM1555C1H6R0WA01D
GRM1555C1H6R0BA01D
GRM1555C1H6R0CA01D
GRM1555C1H6R0DA01D
GRM1555C1H6R1WA01D
GRM1555C1H6R1BA01D
GRM1555C1H6R1CA01D
GRM1555C1H6R1DA01D
GRM1555C1H6R2WA01D
GRM1555C1H6R2BA01D
GRM1555C1H6R2CA01D
GRM1555C1H6R2DA01D
GRM1555C1H6R3WA01D
GRM1555C1H6R3BA01D
GRM1555C1H6R3CA01D
GRM1555C1H6R3DA01D
1.0x0.5(
15)<0402>
5.3pF(
5R3)
5.4pF(
5R4)
5.5pF(
5R5)
5.6pF(
5R6)
5.7pF(
5R7)
5.8pF(
5R8)
5.9pF(
5R9)
6.0pF(
6R0)
6.1pF(
6R1)
6.2pF(
6R2)
6.3pF(
6R3)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
Temperature Compensating Type C0G(5C) Characteristics
GRM0225C1C5R2WD05L
GRM0225C1C5R2BD05L
GRM0225C1C5R2CD05L
GRM0225C1C5R2DD05L
GRM0335C1H5R2WD01D
GRM0335C1H5R2BD01D
GRM0335C1H5R2CD01D
GRM0335C1H5R2DD01D
GRM1555C1H5R2WA01D
GRM1555C1H5R2BA01D
GRM1555C1H5R2CA01D
GRM1555C1H5R2DA01D
5.2pF(
5R2)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
GR
M
02
2
5C
1C
5R2 W
D05
L
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging*
(Part Number)
w
q
e r t y
u i
o !0
*GRM022: D is applicable.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com