Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 45 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 45 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 221 page
background image
43
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GRM31CC81E106KE15L*
16(
1C)
10(
1A)
6.3(
0J)
3.2x1.6(
31)<1206>
2.2
µF(225)
4.7
µF(475)
10
µF(106)
22
µF(226)
47
µF(476)
±10%(K)
±10%(K)
±10%(K)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GRM32DC81E106KA12L
GRM32EC81E226ME15L*
10(
1A)
6.3(
0J)
3.2x2.5(
32)<1210>
10
µF(106)
22
µF(226)
47
µF(476)
100
µF(107)
±10%(K)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
4(
0G)
GRM31CC80G476ME19L*
GRM31CD80G107ME39L*
GRM316C81C225KA12D*
GRM319C81C475KA12D*
GRM31MC81C106KA12L
GRM32NC81A226ME19L*
GRM32EC81A476ME19L*
GRM319C81A106KA12D
GRM31CC81A226ME19L*
GRM32EC80J476ME64L*
GRM32EC80J107ME20L*
4(
0G)
GRM32EC80G107ME20L*
GRM319C80J106KE19D*
GRM31CC80J226ME19L*
GRM31CC80J476ME18L*
3.2x1.6(
31)<1206>
47
µF(476)
100
µF(107)
±20%(M)
±20%(M)
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
*: Please refer to GRM Series Specifications and Test Method(2).
High Dielectric Constant Type X6S(C8)/X6T(D8) Characteristics
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
10(
1A)
GRM185C81A105KE36D*
6.3(
0J)
1.6x0.8(
18)<0603>
1.0
µF(105)
±10%(K)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
GRM316C81C225KA12D*
GRM319C81C475KA12D*
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
GRM216C81C105KA12D*
GRM219C81C225KA12D*
GRM185C80J105KE26D*
GRM219C81A475KE34D*
GRM219C80J475KE19D*
GRM219C80J106KE39D*
10(
1A)
6.3(
0J)
2.0x1.25(
21)<0805>
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
10
µF(106)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
3.2x1.6(
31)<1206>
2.2
µF(225)
4.7
µF(475)
±10%(K)
±10%(K)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GRM32DC81E106KA12L
3.2x2.5(
32)<1210>
10
µF(106)
±10%(K)
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to GRM Series Specifications and Test Method (2).
High Dielectric Constant Type X6S(C8) Characteristics-Low Profile
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com