Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 99 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 99 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 95Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 96Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 102Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 103Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 221 page
background image
GJM Series Specifications and Test Methods (1)
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
See the previous pages.
Within the specified dimensions
No defects or abnormalities
10,000M
Ω min. or 500Ω · F min. (whichever is smaller)
No defects or abnormalities
Y55 to W125D
Operating
Temperature Range
Rated Voltage
Appearance
Dimensions
Dielectric Strength
Insulation Resistance
(I.R.)
1
2
3
4
5
6
Using calipers
The insulation resistance should be measured with a DC
voltage not exceeding the rated voltage at 25
D and 75%RH
max. and within 2 minutes of charging.
No failure should be observed when 300% of the rated voltage
is applied between the terminations for 1 to 5 seconds,
provided the charge/discharge current is less than 50mA.
Visual inspection
The rated voltage is defined as the maximum voltage that may
be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
Reference Temperature: 25
D
(2C, 3C, 4C: 20
D)
30pF and over: Q
U1000
30pF and below: Q
U400W20C
C: Nominal Capacitance (pF)
Within the specified tolerance
Capacitance
Q
7
8
The capacitance/Q should be measured at 25
D at the
frequency and voltage shown in the table.
Continued on the following page.
No removal of the terminations or other defect should occur.
Adhesive Strength
of Termination
10
Solder the capacitor to the test jig (glass epoxy board) shown in
Fig. 1 using a eutectic solder. Then apply a 5N* force in parallel
with the test jig for 10
T1 sec. The soldering should be done either
with an iron or using the reflow method and should be conducted
with care so that the soldering is uniform and free of defects such
as heat shock.
*2N (GJM03)
c
Baked electrode or
copper foil
Solder resist
Frequency
1
T0.1MHz
Voltage
0.5 to 5Vrms
Within the specified tolerance (Table A)
Within
T0.2% or T0.05pF
(whichever is larger.)
Temperature
Coefficient
Capacitance
Drift
Capacitance
Temperature
Characteristics
9
The capacitance change should be measured after 5 min. at
each specified temperature stage.
Temperature Compensating Type
The temperature coefficient is determined using the
capacitance measured in step 3 as a reference.
When cycling the temperature sequentially from step 1 through
5, (5C:
W25 to 125D: other temp. coeffs.: W20 to 125D) the
capacitance should be within the specified tolerance for the
temperature coefficient and capacitance change as in Table A.
The capacitance drift is calculated by dividing the differences
between the maximum and minimum measured values in steps
1, 3 and 5 by the capacitance value in step 3.
Step
1
2
3
4
5
Reference Temp.
T2
Y55T3
Reference Temp.
T2
125
T3
Reference Temp.
T2
Temperature (
D)
(in mm)
Fig. 1
Type
a
b
c
GJM03
GJM15
0.3
0.4
0.9
1.5
0.3
0.5
No.
Item
Specifications
Test Method
Temperature Compensating Type
GJM Series Specifications and Test Methods
97
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com