Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 101 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 101 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 102Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 103Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 104Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 105Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 221 page
background image
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GJM Series Specifications and Test Methods (1)
Continued from the preceding page.
*1: Nominal values denote the temperature coefficient within a range of 25 to 125D.
*2: Nominal values denote the temperature coefficient within a range of 20 to 125D.
(2)
5C
6C
0
T30
0
T60
0.25
0.38
0.40
0.60
0.58
0.87
Y0.11
Y0.21
Y0.17
Y0.33
Y0.24
Y0.48
Char. Code
Temp. Coeff.
(ppm/
D) *1
Capacitance Change from 25
D Value (%)
Max.
Min.
Y30DY10D
Max.
Min.
Table A
(1)
Y55D
Max.
Min.
2C
3C
4C
0
T60
0
T120
0
T250
0.33
0.55
1.02
0.49
0.82
1.54
0.82
1.37
2.56
Y0.18
Y0.36
Y0.75
Y0.27
Y0.54
Y1.13
Y0.45
Y0.90
Y1.88
Char.
Nominal Values
(ppm/
D) *2
Capacitance Change from 20
D Value (%)
Max.
Min.
Y25DY10D
Max.
Min.
Y55D
Max.
Min.
No.
Item
Specifications
Test Method
Temperature Compensating Type
More than 500M
Ω or 25Ω · F (whichever is smaller)
Within
T7.5% or T0.75pF
(whichever is larger)
30pF and over: Q
U200
30pF and below: Q
U100W
C
C: Nominal Capacitance (pF)
10
3
Appearance
I.R.
Capacitance
Change
Q
No marking defects
The measured and observed characteristics should satisfy the
specifications in the following table.
Humidity
Load
17
Apply the rated voltage at 40
T2D and 90 to 95% humidity for
500
T12 hours.
Remove and let sit for 24
T2 hours at room temperature, then
measure. The charge/discharge current is less than 50mA.
More than 1,000M
Ω or 50Ω · F (whichever is smaller)
0.1pF
VCV1pF: 350mΩ · pF below
1pF
FCV5pF: 300mΩ below
5pF
FCV10pF: 250mΩ below
10pF
FCV33pF: 400mΩ below
The ESR should be measured at room temperature, and
frequency 1
T0.2GHz with the equivalent of BOONTON Model
34A.
The ESR should be measured at room temperature, and
frequency 500
T50MHz with the equivalent of HP8753B.
Within
T3% or T0.3pF
(whichever is larger)
30pF and over:
Q
U350
10pF and over, 30pF and below: Q
U275W
C
10pF and below:
Q
U200W10C
C: Nominal Capacitance (pF)
5
2
Appearance
I.R.
Capacitance
Change
Q
No marking defects
The measured and observed characteristics should satisfy the
specifications in the following table.
High
Temperature
Load
ESR
18
19
Apply 200% of the rated voltage for 1000
T12 hours at the
maximum operating temperature
T3D. Let sit for 24T2 hours
(temperature compensating type) at room temperature, then
measure.
The charge/discharge current is less than 50mA.
GJM Series Specifications and Test Methods
99
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com