Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 76 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 76 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 221 page
background image
Solder the capacitor to the test jig (glass epoxy board) in
the same manner and under the same conditions as (10).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz.
The frequency range, from 10 to 55Hz and return to 10Hz,
should be traversed in approximately 1 minute. This motion
should be applied for a period of 2 hours in each of 3 mutually
perpendicular directions (total of 6 hours).
11
Vibration
Appearance
No defects or abnormalities
Capacitance
Within the specified tolerance
D.F.
0.1 max.*3
*3 However 0.125 max. for Table 3 items.
Continued on the following page.
Temperature (
°C)
Step
25
±2
–55
±3
25
±2
85
±3
25
±2
1
2
3
4
5
Temp. Range
Char.
–55 to +85
°C
Reference
Temp.
25
°C
Cap. Change
Within
±15%
R6
a
Type
0.2
0.5
0.6
0.6
0.8
b
0.96
1.6
1.8
2.0
2.5
c
0.25
0.32
0.5
0.25
0.4
d
0.2
0.32
0.5
0.25
0.4
GNM0M2
GNM1M2
GNM212
GNM214
GNM314
Solder the capacitor to the test jig (glass epoxy board) shown in
Fig. 1 using a eutectic solder.
Then apply 5N (GNM0M2: 2N) force in parallel with the test jig for
10
±1 sec. The soldering should be done either with an iron or
using the reflow method and should be conducted with care so that
the soldering is uniform and free of defects such as heat shock.
(in mm)
10
Adhesive Strength
of Termination
No removal of the terminations or other defects should occur.
The capacitance change should be measured after 5 min.at
each specified temperature stage.
The ranges of capacitance change compared with the 25
°C
value over the temperature ranges shown in the table should be
within the specified ranges.
• Initial measurement for high dielectric constant type.
Perform a heat treatment at 150+0/-10
°C for one hour and
then set for 24
±2 hours at room temperature.
Perform the initial measurement.
9
Capacitance
Temperature
Characteristics
8
Dissipation Factor
(D.F.)
0.1 max.*3
Table 3
*3 However 0.125 max. for Table 3 items.
The capacitance/D.F. should be measured at 25
°C at the
frequency and voltage shown in the table.
Table 1
Table 2
7
Capacitance
Within the specified tolerance
The insulation resistance should be measured with a DC
voltage not exceeding the rated voltage at 25
°C and 75%RH
max. and within 1 minute of charging.
6
Insulation Resistance
50
Ω · F min.
No failure should be observed when 250% of the rated voltage
is applied between the terminations for 1 to 5 seconds,
provided the charge/discharge current is less than 50mA.
5
Dielectric Strength
No defects or abnormalities
Using calipers
4
Dimensions
Within the specified dimension
Visual inspection
3
Appearance
No defects or abnormalities
The rated voltage is defined as the maximum voltage that may
be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
2
Rated Voltage
See the previous pages.
1
Operating
Temperature Range
R6: –55
°C to +85°C
Measuring Frequency
Nominal Capacitance
1
±0.1kHz
1
±0.1kHz
1
±0.1kHz
1
±0.1kHz
Measuring Voltage
1.0
±0.2Vrms
0.5
±0.1Vrms
0.5
±0.1Vrms
1.0
±0.1Vrms
C
V10µF *1 (10V min.)
C
V10µF *2 (6.3V max.)
*1For items in Table1
*2For items in Table2
GNM Series Specifications and Test Methods (2)
a
Solder resist
Copper foil
b
b
a
Solder resist
Copper foil
No.
Test Method
Specifications
Item
Fig. 1
GNMpp4
GNMpp2
GNM0M2 R6 1A 104
GNM0M2 R6 1C 104
GNM1M2 R6 1A 105/225
GNM1M2 R6 1C 224/105
GNM0M2 R6 0J
103/223/473
GNM212
R6 0J
225
GNM214
R6 0J
105
GNM0M2 R6 103/223/473/104
GNM1M2 R6 0J
105/225
GNM1M2 R6 1A 105MEA4
GNM1M2 R6 1A 225
GNM212
R6 0J
225
GNM212
R6 1A 225
GNM214
R6 0J
225
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GNM Series Specifications and Test Methods (2)
74
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to GNM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GNM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com