Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 83 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 83 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 221 page
background image
81
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
LLL315R71H103MA11L
LLL315R71H223MA11L
25(
1E)
LLL315R71E473MA11L
LLL315R71E104MA11L
16(
1C)
LLL315R71C224MA11L
10(
1A)
LLL315R71A474MA11L
1.6x3.2(
31)<0612>
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
0.22
µF(224)
0.47
µF(474)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
Reversed Geometry Low ESL Type X7R(R7) Characteristics-Low Profile
LxW [mm]
Rated Volt. [Vdc]
ESR [m
Ω]
Capacitance
Tolerance
Part Number
100(
E01)
LLR185C70G105ME01L*
220(
E03)
LLR185C70G105ME03L*
470(
E05)
LLR185C70G105ME05L*
1000(
E07)
4(
0G)
LLR185C70G105ME07L*
0.8x1.6(
18)<0306>
1.0
µF(105)
±20%(M)
Controlled ESR Low ESL Type X7S(C7) Characteristics
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
4(
0G)
LLA185C70G104MA01L
LLA185C70G224MA01L
LLA185C70G474MA01L
LLA185C70G105ME01L*
LLA185C70G225ME16L*
1.6x0.8(
18)<0603>
0.10
µF(104)
0.22
µF(224)
0.47
µF(474)
1.0
µF(105)
2.2
µF(225)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
LLA219R71E103MA01L
LLA219R71E223MA01L
LLA219R71E473MA01L
16(
1C)
LLA219R71C104MA01L
LLA219R71C224MA01L
10(
1A)
LLA219R71A474MA01L
6.3(
0J)
LLA219R70J105MA01L
2.0x1.25(
21)<0805>
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
0.22
µF(224)
0.47
µF(474)
1.0
µF(105)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
4(
0G)
LLA219C70G225MA01L
LLA219C70G475ME01L*
2.0x1.25(
21)<0805>
2.2
µF(225)
4.7
µF(475)
±20%(M)
±20%(M)
Eight Terminals Low ESL Type X7R(R7)/X7S(C7) Characteristics
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to LLL/LLR/LLA/LLM Series Specifications and Test Method (2).
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to LLL/LLR/LLA/LLM Series Specifications and Test Method (2).
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com