Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 41 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 41 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 221 page
background image
39
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to GRM Series Specifications and Test Method (2).
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GRM219R72A682KA01D
GRM21BR72A103KA01L
GRM21BR72A153KA01L
GRM21BR72A223KA01L
GRM21BR72A333KA01L
GRM21BR72A473KA01L
GRM21AR72A224KAC5L
GRM21AR72A334KAC5L
GRM21BR72A474KA73L
50(
1H)
GRM219R71H333KA01D
GRM21BR71H473KA01L
GRM21BR71H683KA01L
GRM21BR71H104KA01L
GRM21BR71H154KA01L
GRM21BR71H224KA01L
GRM219R71H334KA88D
GRM21BR71H474KA88L
GRM21BR71H105KA12L
25(
1E)
GRM219R71E683KA01D
GRM21BR71E104KA01L
GRM21BR71E154KA01L
GRM21BR71E224KA01L
GRM21BR71E334KA01L
GRM219R71E474KA88D
GRM219R71E684KA88D
GRM21BR71E105KA99L
GRM219R71E105KA88D
GRM21BR71E225KA73L*
16(
1C)
GRM219R71C684KA01D
GRM21BR71C105KA01L
GRM21BR71C225KA12L
GRM21BR71C475KA73L*
2.0x1.25(
21)<0805>
6800pF(
682)
10000pF(
103)
15000pF(
153)
22000pF(
223)
33000pF(
333)
47000pF(
473)
68000pF(
683)
0.10
µF(104)
0.15
µF(154)
0.22
µF(224)
0.33
µF(334)
0.47
µF(474)
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
10(
1A)
GRM21BR71A225KA01L
GRM21BR71A475KA73L*
GRM21BR71A106KE51L*
6.3(
0J)
GRM21BR70J106KE76L*
4(
0G)
GRM21BE70G226ME51L*
2.0x1.25(
21)<0805>
2.2
µF(225)
4.7
µF(475)
10
µF(106)
22
µF(226)
±10%(K)
±10%(K)
±10%(K)
±20%(M)
High Dielectric Constant Type X7R(R7)/X7U(E7) Characteristics
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com