Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 96 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 96 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 92Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 93Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 94Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 95Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 96Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 221 page
background image
94
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GJM0336C1E7R8WB01D
GJM0336C1E7R8BB01D
GJM0336C1E7R8CB01D
GJM0336C1E7R8DB01D
GJM0336C1E7R9WB01D
GJM0336C1E7R9BB01D
GJM0336C1E7R9CB01D
GJM0336C1E7R9DB01D
GJM0336C1E8R0WB01D
GJM0336C1E8R0BB01D
GJM0336C1E8R0CB01D
GJM0336C1E8R0DB01D
GJM0336C1E8R1WB01D
GJM0336C1E8R1BB01D
GJM0336C1E8R1CB01D
GJM0336C1E8R1DB01D
GJM0336C1E8R2WB01D
GJM0336C1E8R2BB01D
GJM0336C1E8R2CB01D
GJM0336C1E8R2DB01D
GJM0336C1E8R3WB01D
GJM0336C1E8R3BB01D
GJM0336C1E8R3CB01D
GJM0336C1E8R3DB01D
GJM0336C1E8R4WB01D
GJM0336C1E8R4BB01D
GJM0336C1E8R4CB01D
GJM0336C1E8R4DB01D
GJM0336C1E8R5WB01D
GJM0336C1E8R5BB01D
GJM0336C1E8R5CB01D
GJM0336C1E8R5DB01D
GJM0336C1E8R6WB01D
GJM0336C1E8R6BB01D
GJM0336C1E8R6CB01D
GJM0336C1E8R6DB01D
GJM0336C1E8R7WB01D
GJM0336C1E8R7BB01D
GJM0336C1E8R7CB01D
GJM0336C1E8R7DB01D
GJM0336C1E8R8WB01D
GJM0336C1E8R8BB01D
GJM0336C1E8R8CB01D
GJM0336C1E8R8DB01D
50(
1H)
GJM1555C1H7R8WB01D
GJM1555C1H7R8BB01D
GJM1555C1H7R8CB01D
GJM1555C1H7R8DB01D
GJM1555C1H7R9WB01D
GJM1555C1H7R9BB01D
GJM1555C1H7R9CB01D
GJM1555C1H7R9DB01D
GJM1555C1H8R0WB01D
GJM1555C1H8R0BB01D
GJM1555C1H8R0CB01D
GJM1555C1H8R0DB01D
GJM1555C1H8R1WB01D
GJM1555C1H8R1BB01D
GJM1555C1H8R1CB01D
GJM1555C1H8R1DB01D
GJM1555C1H8R2WB01D
GJM1555C1H8R2BB01D
GJM1555C1H8R2CB01D
GJM1555C1H8R2DB01D
GJM1555C1H8R3WB01D
GJM1555C1H8R3BB01D
GJM1555C1H8R3CB01D
GJM1555C1H8R3DB01D
GJM1555C1H8R4WB01D
GJM1555C1H8R4BB01D
GJM1555C1H8R4CB01D
GJM1555C1H8R4DB01D
GJM1555C1H8R5WB01D
GJM1555C1H8R5BB01D
GJM1555C1H8R5CB01D
GJM1555C1H8R5DB01D
GJM1555C1H8R6WB01D
GJM1555C1H8R6BB01D
GJM1555C1H8R6CB01D
GJM1555C1H8R6DB01D
GJM1555C1H8R7WB01D
GJM1555C1H8R7BB01D
GJM1555C1H8R7CB01D
GJM1555C1H8R7DB01D
GJM1555C1H8R8WB01D
GJM1555C1H8R8BB01D
GJM1555C1H8R8CB01D
GJM1555C1H8R8DB01D
0.6x0.3(
03)<0201>
1.0x0.5(
15)<0402>
7.8pF(
7R8)
7.9pF(
7R9)
8.0pF(
8R0)
8.1pF(
8R1)
8.2pF(
8R2)
8.3pF(
8R3)
8.4pF(
8R4)
8.5pF(
8R5)
8.6pF(
8R6)
8.7pF(
8R7)
8.8pF(
8R8)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
Temperature Compensating Type C0G(5C)/C0H(6C) Characteristics
GJM0336C1E7R7WB01D
GJM0336C1E7R7BB01D
GJM0336C1E7R7CB01D
GJM0336C1E7R7DB01D
GJM1555C1H7R7WB01D
GJM1555C1H7R7BB01D
GJM1555C1H7R7CB01D
GJM1555C1H7R7DB01D
7.7pF(
7R7)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
GJ
M
03
3
6C
1E
7R7 W
B01 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com