Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 14 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 14 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 221 page
background image
Capacitance Table
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Temperature Compensating Type P2H(6P),R2H(6R),S2H(6S),T2H(6T) Characteristics
50
(1H)
6
ex.6: T Dimension [mm]
LxW
[mm]
Rated Voltage
[Vdc]
Capacitance
1.0pF(1R0)
2.0pF(2R0)
3.0pF(3R0)
4.0pF(4R0)
5.0pF(5R0)
6.0pF(6R0)
7.0pF(7R0)
8.0pF(8R0)
9.0pF(9R0)
10pF(100)
12pF(120)
15pF(150)
18pF(180)
22pF(220)
27pF(270)
33pF(330)
39pF(390)
47pF(470)
56pF(560)
68pF(680)
82pF(820)
100pF(101)
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
25
(1E)
0.6x0.3
(03)
<0201>
50
(1H)
1.0x0.5
(15)
<0402>
25
(1E)
50
(1H)
25
(1E)
50
(1H)
1.0x0.5
(15)
<0402>
0.6x0.3
(03)
<0201>
1.0x0.5
(15)
<0402>
0.6x0.3
(03)
<0201>
1.0x0.5
(15)
<0402>
TC
P2H
(6P)
R2H
(6R)
S2H
(6S)
T2H
(6T)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com