Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 70 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 70 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 221 page
background image
68
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to GNM series Specifications and Test Method (2).
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Number of Elements
Capacitance
Tolerance
Part Number
16(
1C)
10(
1A)
6.3(
0J)4(0G)
GNM0M2R61C103ME18D*
GNM0M2R61C223ME18D*
GNM0M2R61C473ME18D*
GNM0M2R61C104ME18D*
GNM0M2R61A103ME17D*
GNM0M2R61A223ME17D*
GNM0M2R61A473ME17D*
GNM0M2R61A104ME17D*
GNM0M2R60J103ME17D*
GNM0M2R60J223ME17D*
GNM0M2R60J473ME17D*
GNM0M2R60J104ME17D*
GNM0M2R60G105ME17D*
2(
2)
0.9x0.6(
0M)<0302>
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
1.0
µF(105)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Number of Elements
Capacitance
Tolerance
Part Number
10(
1A)
6.3(
0J)
GNM1M2R61A223MA01D
GNM1M2R61A473MA01D
GNM1M2R61A104MA01D
GNM1M2R61A105ME17D*
GNM1M2R61A225ME18D*
GNM1M2R60J105ME12D*
GNM1M2R60J225ME18D*
1.37x1.0(
1M)<0504>
2(
2)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
1.0
µF(105)
2.2
µF(225)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Number of Elements
Capacitance
Tolerance
Part Number
16(
1C)
10(
1A)
6.3(
0J)
GNM212R61C474MA16D
GNM212R61C105MA16D
GNM212R61A105MA13D
GNM212R61A225ME16D*
GNM212R60J225ME16D*
2.0x1.25(
21)<0805>
2(
2)
0.47
µF(474)
1.0
µF(105)
2.2
µF(225)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Number of Elements
Capacitance
Tolerance
Part Number
50(
1H)
25(
1E)
16(
1C)
GNM1M2R61H102MA01D
GNM1M2R61E222MA01D
GNM1M2R61E472MA01D
GNM1M2R61E103MA01D
GNM1M2R61C223MA01D
GNM1M2R61C473MA01D
GNM1M2R61C224ME18D*
GNM1M2R61C105ME18D*
1.37x1.0(
1M)<0504>
2(
2)
1000pF(
102)
2200pF(
222)
4700pF(
472)
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.22
µF(224)
1.0
µF(105)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
High Dielectric Constant Type X5R(R6) Characteristics
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
16(
1C)
GNM1M2R71C104MAA1D
GNM214R71C104MAA1D
1.37x1.0(
1M)<0504>
Number of Elements
2(
2)
2.0x1.25(
21)<0805>
4(
4)
0.10
µF(104)
±20%(M)
High Dielectric Constant Type X7R(R7) Characteristics-Low Profile
GN
M
1M
2
R7
1C
104
M
AA1 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rNumber of Elements
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com