Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 59 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 59 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 221 page
background image
Continued on the following page.
Measuring Frequency
Nominal Capacitance
1
±0.1kHz
1
±0.1kHz
120
±24Hz
1
±0.1kHz
Measuring Voltage
1.0
±0.2Vrms
0.5
±0.1Vrms
0.5
±0.1Vrms
0.5
±0.1Vrms
C
V10µF (10V min.)*
C
V10µF (6.3V max.)
C
G10µF
*For items in Table1
8
Dissipation Factor
(D.F.)
B1, B3, R1, *R6, *R7, C7, C8, E7, D7: 0.1 max.
C6: 0.125 max.
D8: 0.15 max.
F1, F5: 0.2 max.
*GRM31CR71E106: 0.125 max.
GRM31CR6 0J/0G 107: 0.15 max.
The capacitance/D.F. should be measured at reference
temperature at the measuring frequency and voltage shown in
the table.
GRM188C80E106:
Perform a heat treatment at 150+0/-10
°C for one hour and then
set for 24
±2 hours at room temperature.
7
Capacitance
Within the specified tolerance
*Table 1
The insulation resistance should be measured with a DC voltage
not exceeding the rated voltage at reference temperature and
75%RH max. and within 1 minutes of charging, provided the
charge/discharge current is less than 50mA.
6
Insulation
Resistance
More than 50
Ω · F
No failure should be observed when 250% of the rated voltage
is applied between the terminations for 1 to 5 seconds,
provided the charge/discharge current is less than 50mA.
5
Dielectric Strength
No defects or abnormalities
Using calipers (GRM02 size is based on Microscope)
4
Dimensions
Within the specified dimensions
Visual inspection
3
Appearance
No defects or abnormalities
The rated voltage is defined as the maximum voltage that may
be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
2
Rated Voltage
See the previous pages.
Reference temperature: 25
°C
(B1, B3, R1, F1: 20
°C)
1
Operating
Temperature
Range
B1, B3, F1: –25 to +85
°C
R1, R7, C7, D7, E7: –55 to +125
°C
C6, R6: –55 to +85
°C
F5: –30 to +85
°C
C8, D8: –55 to +105
°C,
No.
Test Method
Specifications
Item
GRM Series Specifications and Test Methods (2) (Note 1)-Typical Inspection
GRM022
B3/R6
1A
681 to 103
GRM155
B3/R6
1A
124 to 105
GRM185
B3/R6
1C/1A
105
GRM185
C8/D7
1A
105
GRM188
B3/R6
1C/1A
225
GRM188
R7/C8
1A
225
GRM188
B3/R6
1A
335
GRM219
B3/R6
1C/1A
475
GRM219
C8
1A
475
GRM219
B3/R6
1A
106
GRM21B
B3/R6
1C/1A
106
GRM21B
R7/C8
1A
106
GRM319
B3/R6
1C/1A
106
GRM Series Specifications and Test Methods (2) (Note 1)-Typical Inspection
57
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(Note 1) These Specifications and Test Methods indicate typical inspection.
Please refer to individual specifications (our product specifications or the approval sheet).
When no "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com