Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 84 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 84 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 221 page
background image
82
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to LLL/LLR/LLA/LLM Series Specifications and Test Method (2).
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
LLA215R71E103MA14L
LLA215R71E223MA14L
16(
1C)
LLA215R71C473MA14L
LLA215R71C104MA14L
10(
1A)
LLA215R71A224MA14L
6.3(
0J)
LLA215R70J474MA14L
2.0x1.25(
21)<0805>
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
0.22
µF(224)
0.47
µF(474)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
4(
0G)
LLA215C70G105MA14L
LLA215C70G225ME11L*
LLA215C70G475ME19L*
2.0x1.25(
21)<0805>
0.22
µF(224)
0.47
µF(474)
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
16(
1C)
LLA315R71C224MA14L
10(
1A)
LLA315R71A474MA14L
6.3(
0J)
LLA315R70J105MA14L
LLA315R70J225MA14L
3.2x1.6(
31)<1206>
Eight Terminals Low ESL Type X7R(R7)/X7S(C7) Characteristics-Low Profile
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
LLA319R71C104MA01L
LLA319R71C224MA01L
LLA319R71C474MA01L
LLA31MR71C105MA01L
10(
1A)
LLA319R71A105MA01L
LLA31MR71A225MA01L
4(
0G)
LLA319R70G225MA01L
3.2x1.6(
31)<1206>
0.10
µF(104)
0.22
µF(224)
0.47
µF(474)
1.0
µF(105)
2.2
µF(225)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
Eight Terminals Low ESL Type X7R(R7) Characteristics
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
LLM215R71E103MA11L
LLM215R71E223MA11L
16(
1C)
LLM215R71C473MA11L
LLM215R71C104MA11L
6.3(
0J)
LLM215R70J224MA11L
LLM215R70J474MA11L
4(
0G)
LLM215C70G105MA11L
LLM215C70G225ME11L*
2.0x1.25(
21)<0805>
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
0.22
µF(224)
0.47
µF(474)
1.0
µF(105)
2.2
µF(225)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
LLM315R71C104MA11L
LLM315R71C224MA11L
10(
1A)
LLM315R71A474MA11L
6.3(
0J)
LLM315R70J225MA11L
3.2x1.6(
31)<1206>
0.10
µF(104)
0.22
µF(224)
0.47
µF(474)
2.2
µF(225)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
Ten Terminals Low ESL Type X7R(R7)/X7S(C7) Characteristics-Low Profile
LL
A
31
9
R7
1C
104
M
A01
L
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com