Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 65 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 65 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 221 page
background image
GRM Series Data
Continued from the preceding page.
s Capacitance - AC Voltage Characteristics
Temperature Compensating Type: GRM1555C1H102JA01
High Dielectric Constant Type: GRM155R71E103KA01
High Dielectric Constant Type: GRM155R71C104KA88
High Dielectric Constant Type: GRM188R60J106ME47
High Dielectric Constant Type: GRM31CR60J107ME39
-60
-50
-40
-30
-20
-10
0
10
20
30
0.0
0.5
1.0
1.5
2.0
2.5
-60
-50
-40
-30
-20
-10
0
10
20
30
0.0
0.5
1.0
1.5
2.0
2.5
-60
-50
-40
-30
-20
-10
0
10
20
30
0.0
0.5
1.0
1.5
2.0
2.5
-60
-50
-40
-30
-20
-10
0
10
20
30
0.0
0.5
1.0
1.5
2.0
2.5
-60
-50
-40
-30
-20
-10
0
10
20
30
0.0
0.5
1.0
1.5
2.0
2.5
Measuring condition: 1kHz
Measuring condition: 1MHz
Measuring condition: 1kHz
Measuring condition: 1kHz
Measuring condition: 120Hz
AC Voltage (Vr.m.s.)
AC Voltage (Vr.m.s.)
AC Voltage (Vr.m.s.)
AC Voltage (Vr.m.s.)
AC Voltage (Vr.m.s.)
The data herein are given in typical values, not guaranteed ratings.
-60
-50
-40
-30
-20
-10
0
10
20
30
AC Voltage (Vr.m.s.)
High Dielectric Constant Type: GRM155R61A105KE15
Measuring condition: 1kHz
0.0
0.5
1.0
1.5
2.0
2.5
Please refer to our Web site or contact our sales representatives for individual Part Number's data.
Our Web Site: http://www.murata.com/products/capacitor/tech_data/
GRM Series Data
63
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com