Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 103 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 103 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 102Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 103Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 104Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 105Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 106Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 107Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 221 page
background image
101
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Capacitance Table
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
Temperature Compensating Type C0G(5C) Characteristics
7
ex.7: T Dimension [mm]
LxW
[mm]
Rated Voltage
[Vdc]
Capacitance
0.10pF(R10)
0.20pF(R20)
0.30pF(R30)
0.40pF(R40)
0.50pF(R50)
0.75pF(R75)
1.0pF(1R0)
1.1pF(1R1)
1.2pF(1R2)
1.3pF(1R3)
1.5pF(1R5)
1.6pF(1R6)
1.8pF(1R8)
2.0pF(2R0)
2.2pF(2R2)
2.4pF(2R4)
2.7pF(2R7)
3.0pF(3R0)
3.3pF(3R3)
3.6pF(3R6)
3.9pF(3R9)
4.0pF(4R0)
4.3pF(4R3)
4.7pF(4R7)
5.0pF(5R0)
5.1pF(5R1)
5.6pF(5R6)
6.0pF(6R0)
6.2pF(6R2)
6.8pF(6R8)
7.0pF(7R0)
7.5pF(7R5)
8.0pF(8R0)
8.2pF(8R2)
9.0pF(9R0)
9.1pF(9R1)
10pF(100)
11pF(110)
12pF(120)
13pF(130)
15pF(150)
16pF(160)
18pF(180)
20pF(200)
22pF(220)
24pF(240)
27pF(270)
30pF(300)
33pF(330)
LxW
[mm]
Rated Voltage
[Vdc]
Capacitance
36pF(360)
39pF(390)
43pF(430)
47pF(470)
51pF(510)
56pF(560)
62pF(620)
68pF(680)
75pF(750)
82pF(820)
91pF(910)
100pF(101)
1.6x0.8
(18)
<0603>
2.0x1.25
(21)
<0805>
250
(2E)
100
(2A)
50
(1H)
250
(2E)
100
(2A)
50
(1H)
1.6x0.8
(18)
<0603>
2.0x1.25
(21)
<0805>
250
(2E)
100
(2A)
50
(1H)
250
(2E)
100
(2A)
50
(1H)
2.8x2.8
(22)
<1111>
500
(2H)
2.8x2.8
(22)
<1111>
500
(2H)
7
7
7
7
8
8
8
8
8
8
8
8
8
8
8
8
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
M
M
M
M
M
M
M
M
M
M
M
M
9
9
9
9
9
9
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com