Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 106 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 106 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 102Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 103Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 104Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 105Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 106Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 107Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 108Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 109Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 110Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 221 page
background image
104
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
250(
2E)
GQM1875C2E330GB12D
GQM1875C2E330JB12D
GQM1875C2E360GB12D
GQM1875C2E360JB12D
GQM1875C2E390GB12D
GQM1875C2E390JB12D
GQM1875C2E430GB12D
GQM1875C2E430JB12D
GQM1875C2E470GB12D
GQM1875C2E470JB12D
50(
1H)
GQM1885C1H330GB01D
GQM1885C1H330JB01D
GQM1885C1H360GB01D
GQM1885C1H360JB01D
GQM1885C1H390GB01D
GQM1885C1H390JB01D
GQM1885C1H430GB01D
GQM1885C1H430JB01D
GQM1885C1H470GB01D
GQM1885C1H470JB01D
GQM1885C1H510GB01D
GQM1885C1H510JB01D
GQM1885C1H560GB01D
GQM1885C1H560JB01D
GQM1885C1H620GB01D
GQM1885C1H620JB01D
GQM1885C1H680GB01D
GQM1885C1H680JB01D
GQM1885C1H750GB01D
GQM1885C1H750JB01D
GQM1885C1H820GB01D
GQM1885C1H820JB01D
GQM1885C1H910GB01D
GQM1885C1H910JB01D
GQM1885C1H101GB01D
GQM1885C1H101JB01D
1.6x0.8(
18)<0603>
33pF(
330)
36pF(
360)
39pF(
390)
43pF(
430)
47pF(
470)
51pF(
510)
56pF(
560)
62pF(
620)
68pF(
680)
75pF(
750)
82pF(
820)
91pF(
910)
100pF(
101)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
Temperature Compensating Type C0G(5C) Characteristics
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
GQ
M
18
7
5C
2E
330
G
B12 D
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com