Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 109 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 109 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 105Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 106Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 107Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 108Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 109Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 110Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 111Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 112Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 113Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 221 page
background image
107
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
250(
2E)
GQM2195C2E430GB12D
GQM2195C2E430JB12D
GQM2195C2E470GB12D
GQM2195C2E470JB12D
GQM2195C2E510GB12D
GQM2195C2E510JB12D
GQM2195C2E560GB12D
GQM2195C2E560JB12D
GQM2195C2E620GB12D
GQM2195C2E620JB12D
GQM2195C2E680GB12D
GQM2195C2E680JB12D
GQM2195C2E750GB12D
GQM2195C2E750JB12D
GQM2195C2E820GB12D
GQM2195C2E820JB12D
GQM2195C2E910GB12D
GQM2195C2E910JB12D
GQM2195C2E101GB12D
GQM2195C2E101JB12D
50(
1H)
500(
2H)
GQM2195C1H430GB01D
GQM2195C1H430JB01D
GQM2195C1H470GB01D
GQM2195C1H470JB01D
GQM2195C1H510GB01D
GQM2195C1H510JB01D
GQM2195C1H560GB01D
GQM2195C1H560JB01D
GQM2195C1H620GB01D
GQM2195C1H620JB01D
GQM2195C1H680GB01D
GQM2195C1H680JB01D
GQM2195C1H750GB01D
GQM2195C1H750JB01D
GQM2195C1H820GB01D
GQM2195C1H820JB01D
GQM2195C1H910GB01D
GQM2195C1H910JB01D
GQM2195C1H101GB01D
GQM2195C1H101JB01D
GQM22M5C2H430GB01L
GQM22M5C2H430JB01L
GQM22M5C2H470GB01L
GQM22M5C2H470JB01L
GQM22M5C2H510GB01L
GQM22M5C2H510JB01L
GQM22M5C2H560GB01L
GQM22M5C2H560JB01L
GQM22M5C2H620GB01L
GQM22M5C2H620JB01L
GQM22M5C2H680GB01L
GQM22M5C2H680JB01L
GQM22M5C2H750GB01L
GQM22M5C2H750JB01L
GQM22M5C2H820GB01L
GQM22M5C2H820JB01L
GQM22M5C2H910GB01L
GQM22M5C2H910JB01L
GQM22M5C2H101GB01L
GQM22M5C2H101JB01L
2.0x1.25(
21)<0805>
2.8x2.8(
22)<1111>
43pF(
430)
47pF(
470)
51pF(
510)
56pF(
560)
62pF(
620)
68pF(
680)
75pF(
750)
82pF(
820)
91pF(
910)
100pF(
101)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
Temperature Compensating Type C0G(5C) Characteristics
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com