Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 110 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 110 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 106Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 107Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 108Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 109Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 110Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 111Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 112Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 113Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 114Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 221 page
background image
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GQM Series Specifications and Test Methods
See the previous page.
Within the specified dimensions
No defects or abnormalities
More than 10,000M
Ω
No defects or abnormalities
Y55 to 125D
Operating
Temperature
Rated Voltage
Appearance
Dimension
Dielectric Strength
Insulation Resistance
1
2
3
4
5
6
Using calipers
The insulation resistance should be measured with a DC
voltage not exceeding the rated voltage at 25
D and 75%RH
max. and within 2 minutes of charging, provided the
charge/discharge current is less than 50mA.
No failure should be observed when 300%∗ of the rated voltage
is applied between the terminations for 1 to 5 seconds,
provided the charge/discharge current is less than 50mA.
∗GQM187, GQM219(250V), GQM22: 250% of the rated voltage
Visual inspection
The rated voltage is defined as the maximum voltage that may
be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
Reference Temperature: 25
D
Item
No.
Test Method
Specifications
30pF and over: Q
U1400
30pF and below: Q
U800W20C
C: Nominal Capacitance (pF)
Within the specified tolerance
Capacitance
Q
7
8
The capacitance/Q should be measured at 25
D at the
frequency and voltage shown in the table.
Continued on the following page.
No removal of the terminations or other defect should occur.
Adhesive Strength
of Termination
10
Solder the capacitor to the test jig (glass epoxy board) shown in
Fig. 1 using a eutectic solder. Then apply 10N* force in parallel
with the test jig for 10
T1 sec.
The soldering should be done either with an iron or using the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
*5N (GQM188)
c
Baked electrode or
copper foil
Solder resist
30pF and over: Q
U1400
30pF and below: Q
U800W20C
C: Nominal Capacitance (pF)
No defects or abnormalities
Within the specified tolerance
Vibration
Resistance
11
Solder the capacitor to the test jig (glass epoxy board) in the
same manner and under the same conditions as (10).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should
be traversed in approximately 1 minute.
This motion should be applied for a period of 2 hours in each of
3 mutually perpendicular directions (total of 6 hours).
Appearance
Capacitance
Q
Frequency
1
T0.1MHz
Voltage
0.5 to 5Vrms
Within the specified tolerance (Table A)
Within
T0.2% or T0.05pF
(whichever is larger)
Temperature
Coefficient
Capacitance
Drift
Capacitance
Temperature
Characteristics
9
The capacitance change should be measured after 5 min. at
each specified temp. stage.
The temperature coefficient is determined using the capacitance
measured in step 3 as a reference.
When cycling the temperature sequentially from steps 1 through 5
the capacitance should be within the specified tolerance for the
temperature coefficient and capacitance change as in Table A.
The capacitance drift is calculated by dividing the differences
between the maximum and minimum measured values in the
steps 1, 3 and 5 by the capacitance value in step 3.
Step
1
2
3
4
5
Reference Temp.
T2
Y55T3
Reference Temp.
T2
125
T3
Reference Temp.
T2
Temperature (
D)
(in mm)
Fig. 1
Type
a
b
c
GQM18
GQM21
GQM22
1.0
1.2
2.2
3.0
4.0
5.0
1.2
1.65
2.9
GQM Series Specifications and Test Methods
108
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com