Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 136 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 136 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 132Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 133Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 134Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 135Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 136Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 137Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 138Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 139Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 140Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 221 page
background image
!Caution
3. Applied Voltage
4. Applied Voltage and Self-heating Temperature
1. Do not apply a voltage to the capacitor that exceeds the
rated voltage as called out in the specifications.
1-1. Applied voltage between the terminals of a capacitor
shall be less than or equal to the rated voltage.
(1) When AC voltage is superimposed on DC voltage,
the zero-to-peak voltage shall not exceed the
rated DC voltage.
When AC voltage or pulse voltage is applied, the
peak-to-peak voltage shall not exceed the rated
DC voltage.
(2) Abnormal voltages (surge voltage, static
electricity, pulse voltage, etc.) shall not exceed
the rated DC voltage.
1. When the capacitor is used in a high-frequency voltage,
pulse voltage, application, be sure to take into account
self-heating may be caused by resistant factors of the
capacitor.
1-1. The load should be contained to the level such that
when measuring at atmospheric temperature of 25
°C,
the product's self-heating remains below 20
°C and
surface temperature of the capacitor in the actual
circuit remains within the maximum operating
temperature.
1-2. Influence of overvoltage
Overvoltage that is applied to the capacitor may
result in an electrical short circuit caused by the
breakdown of the internal dielectric layers.
The time duration until breakdown depends on the
applied voltage and the ambient temperature.
Continued on the following page.
Continued from the preceding page.
Typical Voltage Applied to the DC Capacitor
(E: Maximum possible applied voltage.)
DC Voltage
DC Voltage+AC
AC Voltage
Pulse Voltage
E
0
E
0
E
0
E
0
!Caution
134
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com