Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 165 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 165 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 161Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 162Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 163Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 164Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 165Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 166Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 167Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 168Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 169Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 221 page
background image
Medium Voltage Low Dissipation Factor Specifications and Test Methods
Continued on the following page.
Solder the capacitor to the test jig (glass epoxy board).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should be
traversed in approximately 1 min. This motion should be applied
for a period of 2 hrs. in each of 3 mutually perpendicular
directions (total of 6 hrs.).
10
Vibration
Resistance
Appearance
No defects or abnormalities
Capacitance
Within the specified tolerance
Q
1,000 min.
Solder the capacitor to the testing jig (glass epoxy board) shown
in Fig. 1.
Then apply 10N force in the direction of the arrow.
The soldering should be done using the reflow method and
should be conducted with care so that the soldering is uniform
and free of defects such as heat shock.
Fig. 1
9
Adhesive Strength
of Termination
No removal of the terminations or other defect should occur.
The capacitance measurement should be made at each step
specified in the Table.
8
Capacitance
Temperature
Characteristics
Temp. Coefficient
C0G char. :
0
T30ppm/D (Temp. Range : W25 to W125D)
0
W30, Y72ppm/D (Temp. Range : Y55 to W25D)
U2J char. :
Y750T120ppm/D (Temp. Range : W25 to W125D)
Y750W120, Y347ppm/D (Temp. Range : Y55 to W25D)
7Q
1,000 min.
The capacitance/Q should be measured at the frequency and
voltage shown as follows.
6
Capacitance
Within the specified tolerance
The insulation resistance should be measured with DC500
T50V
(DC250
T25V in case of rated voltage: DC250V) and within 60T5
sec. of charging.
5
Insulation Resistance
(I.R.)
More than 10,000M
Ω
No failure should be observed when voltage in the Table is
applied between the terminations for 1 to 5 sec., provided the
charge/discharge current is less than 50mA.
4
Dielectric Strength
No defects or abnormalities
Using calipers and micrometers
3
Dimensions
Within the specified dimension
Visual inspection
2
Appearance
No defects or abnormalities
Y
1
Operating
Temperature Range
Y55 to W125D
No.
Test Method
Specifications
Item
Rated Voltage
Test Voltage
200% of the rated voltage
150% of the rated voltage
130% of the rated voltage
DC250V
DC630V
DC1kV, DC2kV,
DC3.15kV
Capacitance
Frequency
1
T0.2MHz
1
T0.2kHz
Voltage
AC0.5 to 5V(r.m.s.)
AC1
T0.2V(r.m.s.)
C
F1,000pF
C
U1,000pF
Step
Temperature (
D)
25
T2
Min. Operating Temp.
T3
25
T2
Max. Operating Temp.
T2
25
T2
1
2
3
4
5
10N, 10
T1s
Glass Epoxy Board
Solder resist
Cu
Glass Epoxy Board
GRM Series Specifications and Test Methods
164
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com