Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 171 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 171 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 167Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 168Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 169Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 170Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 171Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 172Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 173Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 174Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 175Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 221 page
background image
Continued from the preceding page.
* "Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Apply the rated voltage at 40
±2°C and relative humidity of 90 to
95% for 500
+24
–0
hrs.
Remove and let sit for 24
±2 hrs. at room condition,* then
measure.
•Pretreatment
Apply test voltage for 60
±5 min. at test temperature.
Remove and let sit for 24
±2 hrs. at room condition.*
17
Humidity
Loading
(Application:
DC250V,
DC630V
item)
Appearance
No marking defects
Capacitance
Change
Within
±15%
D.F.
0.05 max.
I.R.
C
U0.01µF: More than 10MΩ • µF
C
F0.01µF: More than 1,000MΩ
Dielectric
Strength
In accordance with item No.4
Apply 120% of the rated voltage (150% of the rated voltage in
case of rated voltage: DC250V, 110% of the rated voltage in case
of rated voltage: DC1kV) for 1,000
+48
–0
hrs. at maximum
operating temperature
±3°C. Remove and let sit for 24±2hrs. at
room condition,* then measure.
The charge/discharge current is less than 50mA.
•Pretreatment
Apply test voltage for 60
±5 min. at test temperature.
Remove and let sit for 24
±2 hrs. at room condition.*
16
Life
Appearance
No marking defects
Capacitance
Change
Within
±15% (rated voltage: DC250V, DC630V)
Within
±20% (rated voltage: DC1kV)
D.F.
0.05 max.
I.R.
C
U0.01µF: More than 10MΩ • µF
C
F0.01µF: More than 1,000MΩ
Dielectric
Strength
In accordance with item No.4
No.
Test Method
Specifications
Item
Medium Voltage High Capacitance for General Use Specifications and Test Methods
GRM Series Specifications and Test Methods
170
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com