Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 204 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 204 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 200Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 201Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 202Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 203Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 204Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 205Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 206Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 207Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 208Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 221 page
background image
Taping is the standard packaging method.
Part Number
Dimensions (mm)
WT
ø180mm Reel
Paper Tape
Embossed Tape
L
Quantity (pcs.)
Medium
Voltage
AC250V
Safety Std.
Certification
GRM18
GRJ21/GRM21/GR721
GRJ31/GRM31/GR731
GRJ32/GRM32
GRM42/GR442
GRJ43/GRM43/GR443
GRJ55/GRM55/GR455
GA242
GA243
GA255
GA342
GA343
GA352
GA355
1.6
2.0
3.2
3.2
4.5
4.5
5.7
4.5
4.5
5.7
4.5
4.5
5.7
5.7
0.8
1.25
1.6
2.5
2.0
3.2
5.0
2.0
3.2
5.0
2.0
3.2
2.8
5.0
0.8
1.0
1.25
1.0
1.25
1.6
1.0
1.25
1.5
2.0
1.0
1.5
1.5
2.0
2.5
2.0
1.5
1.5
2.0
2.0
1.0
1.5
2.0
1.5
2.0
1.5
1.5
2.0
2.5
2.7
2.9
4,000
4,000
-
4,000
-
-
4,000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3,000
-
3,000
2,000
-
3,000
2,000
1,000
3,000
2,000
1,000
1,000
500
1,000
2,000
1,000
1,000
1,000
3,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
500
500
500
c Minimum Quantity Guide
c Tape Carrier Packaging
(1) Appearance of Taping
q Embossed Tape
w Paper Tape
Top Tape: 0.05mm in thickness
Sprocket Hole: As specified in (2)
Cavity for Chip: As specified in (2)
Base Tape: As specified in (2)
Bottom Tape: 0.05mm in thickness
Chip
Packed Chips
Cover Tape: 0.06mm in thickness
Sprocket Hole: As specified in (2)
Cavity for Chip: As specified in (2)
Base Tape: As specified in (2)
Chip
Packed Chips
Continued on the following page.
Package
203
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com