Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 3Page - STMicroelectronics AN557 Datasheet HTML 4Page - STMicroelectronics AN557 Datasheet HTML 5Page - STMicroelectronics AN557 Datasheet HTML 6Page - STMicroelectronics AN557 Datasheet HTML 7Page - STMicroelectronics AN557 Datasheet HTML 8Page - STMicroelectronics AN557 Datasheet HTML 9Page - STMicroelectronics AN557 Datasheet HTML 10Page - STMicroelectronics AN557 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7/52
AN557 APPLICATION NOTE
where VF is the forward voltage of the recirculation diode at current Io.
PL : losses due to the series resistance RS of the coil
PL = RS Io
2 (15)
Pq: losses due to the stand-by current and to the power driving current:
Pq = Vi Iq, (16)
in which Iq is the operating supply current at the operating switching frequency. Iq includes the oscillator
current.
SWITCHING LOSSES
Psw: switching losses of the power transistor :
The switching losses of the recirculation diode are neglected (which are anyway negligible) as it is as-
sumed that diode is used with recovery time much smaller than the rise time of the power transistor.
We can neglect losses in the coil (it is assumed that
∆IL is very small compared to Io) and in the output
capacitor, which is assumed to show a low ESR.
Calculation of the inductance value, L
Calculation TON and TOFF through (4) and (9) respectively it follows that :
But because :
TON + TOFF = T and ∆IL
+ =
∆IL– = ∆IL, it follows that :
(17)
Calculating L, the previous relation becomes :
(18)
Fixing the current ripple in the coil required by the design (for instance 30% of Io), and introducing the fre-
quency instead of the period, it follows that :
where L is in Henry and f in Hz Vi × 0.3 × Io × f
Calculation of the output capacitor C
From the output node in fig. 3 it may be seen that the current through the output capacitor is given by:
ic (t) = iL (t) – Io
P
sw
V
i Io
t
r
t
f
+
2T
-------------
=
T
ON
I
L
+
∆
L
⋅
V
i
V
o
–
------------------
=
T
OFF
I
L
-
∆
L
⋅
V
o
----------------
=
T
ON
I
L
∆
L
⋅
V
i
V
o
–
------------------
I
L
∆
L
⋅
V
o
----------------
+
T
==
L
V
i
V
o
–
()V
o
V
i IL
∆
------------------------------ T
=
L
V
i
V
o
–
()V
o
V
i
0.3 I
o
f
⋅⋅
⋅
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com