Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 51 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 44Page - STMicroelectronics AN557 Datasheet HTML 45Page - STMicroelectronics AN557 Datasheet HTML 46Page - STMicroelectronics AN557 Datasheet HTML 47Page - STMicroelectronics AN557 Datasheet HTML 48Page - STMicroelectronics AN557 Datasheet HTML 49Page - STMicroelectronics AN557 Datasheet HTML 50Page - STMicroelectronics AN557 Datasheet HTML 51Page - STMicroelectronics AN557 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
51/52
AN557 APPLICATION NOTE
Figure 71.
Figure 72.
Figure 73.
But since the aim of this section is not that of stud-
ing the transistors, the circuit can be further re-
duced as shown in figure 74.
Figure 74.
If we now consider the ground potential as ambi-
ent temperature, we have:
Tj = Ta + (Rjc + Rth) Pd
a)
b)
Thermal contact resistance depends on various
factors such as the mounting, contact area and
planarity of the heatsink. With no material between
the device and heatsink the thermal resistance is
around 0.5°C/W;; with silicone grease roughly
0.3°C/W and with silicone grease plus a mica insu-
lator about 0.4°C/W. See fig. 75. In application
where one external transistor is used together, the
dissipated power must be calculated for each
component. The various junction temperature can
be calculated by solving the circuit shown in fig.
75. This applies if the dissipating elements are fair-
ly close with respect to the dissipator dimensions,
otherwise the dissipator can no longer be consid-
ered as a concentrated constant and the calcula-
tion becomes difficult. This concept is better
explained by the graph in fig.77 which shows the
case (and therefore junction) temperature varia-
tion as a function of the distance between two dis-
sipating elements with the same type of heatsink
and the same dissipated power. The graph in fig.
77 refers to specific case of two elements dissipat-
ing the same power, fixed on a rectangular alumin-
ium plate with a ratio of 3 between the two sides.
The temperature jump will depend on the total dis-
sipated power and on the devices geometrical po-
sitions. We want to show that there exists an
optimal position between the two devices:
· side of the plate
Figure 75.
Figure 76.
R
th
T
j
T
a
–
R
jc Pd
–
P
d
---------------------------------------
=
d
1
2
---
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com