Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 44Page - STMicroelectronics AN557 Datasheet HTML 45Page - STMicroelectronics AN557 Datasheet HTML 46Page - STMicroelectronics AN557 Datasheet HTML 47Page - STMicroelectronics AN557 Datasheet HTML 48Page - STMicroelectronics AN557 Datasheet HTML 49Page - STMicroelectronics AN557 Datasheet HTML 50Page - STMicroelectronics AN557 Datasheet HTML 51Page - STMicroelectronics AN557 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49/52
AN557 APPLICATION NOTE
higher than 1A maintaining an elevated efficiency of the system.
Such outputs must have a good precision and stability and must be protected from short circuiting.
With the application circuit suggested below, one the aime is to satisfy the performance listed above, and
to contributing to the simplification of the power trasformer, both at 50Hz and at high frequency.
It’s important to remember not to exceed the absolute maximum voltage ratings of the device. In this case
the differential voltage applied to the device is the sum of the maximum input voltage (positive) and of that
controlled output negative.
Figure 68.
Figure 69. Circuit for negative output voltage
Linear low drop post regulation
In some application it becomes necessary to generate stable, precise fixed or adjustable output voltages
at high efficiency and with a truly negligible output ripple. Summarizing a regulator that offers the quality
of a linear type of control with the efficiency of a switching regulator. The fig. 70 shows the diagram of a
swithcing preregulator at high efficiency followed by one or more series regulators of the type very "low
drop", or in the case of elevated current, by a discret low drop solution.
L4974A
11
17
818
5,6
15,16
15K
20
220nF
1
150
µH
3 x
100
µF
EKR
1000
µF
12V<Vi
≤50V
D93IN008A
7
Vo=18V/3A
9
56nF
12K
4.7K
SB560
Dz
20V
L4974A
11
17
818
5,6
15,16
15K
20
SB560
220nF
1
100
µH
470
µF
1000
µF
12V<Vi
≤35V
D93IN009
7
9
6.2K
4.7K
-12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com