Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 5Page - STMicroelectronics AN557 Datasheet HTML 6Page - STMicroelectronics AN557 Datasheet HTML 7Page - STMicroelectronics AN557 Datasheet HTML 8Page - STMicroelectronics AN557 Datasheet HTML 9Page - STMicroelectronics AN557 Datasheet HTML 10Page - STMicroelectronics AN557 Datasheet HTML 11Page - STMicroelectronics AN557 Datasheet HTML 12Page - STMicroelectronics AN557 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9/52
AN557 APPLICATION NOTE
Calculating dt from (22) and (23) and equalizing, it follows that :
Calculating dvC and equalizing it to ∆Vo, it follows that :
(24) for +
∆Io
(25) for -
∆Io
From these two expressions the dependence of overshoots and undershoots on the L and C values may
be observed. To minimize
∆Vo it is therefore necessary to reduce the inductance value L and to increase
the capacitance value C. Should other auxiliary functions be required in the circuit like reset or crowbar
protections and very variable loads may be present, it is worthwhile to take special care for minimizing
these overshoots, which could cause spurious operation of the crowbar, and the under-shoot, which could
trigger the reset function.
DEVICE DESCRIPTION
For a better understanding of how the device functions, a description will be given of the principle blocks
that compose the device. The block diagram of the device is shown in fig.6
POWER SUPPLY
The device contains a stabilized regulator (Vstart = 12V) that provides power to the analogic and digital
control blocks as well as the section of the bootstrap. The Vstart voltage also powers the blocks that op-
erates the internal reference voltage of 5.1V, with a precision of ±2%, necessary for the feedback.
OSCILLATOR, SYNC. AND VOLTAGE FEED-FORWARD FUNCTIONS
The oscillator block generates a sawtooh wave signal that sets the switching frequency of the system. This
signal, compared with the output voltage of the error amplifier, generates the PWM signal that will then
sent to the power output stage. The oscillator also contains the voltage feedforward function that, being
completely integrated, does not require additional external components to function. The VFF function op-
erates with supply voltages from 15V to 45V. The
∆V/∆t of the sawtooh is directly proportional to the supply
voltage Vi.
As Vi increases, the conduction time (ton) of the power transistor decreases in such way as to provide to
the coil, and therefore to the load, the product Volt x Sec constant.
Figure 6. Block Diagram of the 10A Monolithic Regulator L4970A.
L
di
L
dt
--------
C
dv
C
i
C
----------
=
V
o
∆
LI
o
2
∆
CV
i
V
o
–
()
---------------------------
=
V
o
∆
LI
o
2
∆
C V
o
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com