Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 25Page - STMicroelectronics AN557 Datasheet HTML 26Page - STMicroelectronics AN557 Datasheet HTML 27Page - STMicroelectronics AN557 Datasheet HTML 28Page - STMicroelectronics AN557 Datasheet HTML 29Page - STMicroelectronics AN557 Datasheet HTML 30Page - STMicroelectronics AN557 Datasheet HTML 31Page - STMicroelectronics AN557 Datasheet HTML 32Page - STMicroelectronics AN557 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
29/52
AN557 APPLICATION NOTE
Figure 36. Test and Evaluation Board Circuit.
TYPICAL PERFORMANCES (using evaluation board) :
n = 83% (Vi = 35V ; Vo = VREF ; Io = 3.5A ; fsw = 100KHz); Vo RIPPLE = 30mV (at 1A); Line regulation =
12mV (Vi = 15 to 50V); Load regulation = 7mV (Io = 0.5 to 3.5A); for component values Refer to the fig. 35
(Part list).
PARTS LIST
* 2 capacitors in parallel to increase input RMS current capability
** 3 capacitors in parallel to reduce total output ESR
Table A
Note: In the Test and Application Circuit for L4974D are not mounted C2, C14 and R8.
Table B - SUGGESTED BOOTSTRAP CAPACITORS
R1 = 30K
Ω
C3, C4, C5, C6 = 2.2
µF 50V
R2 = 10K
Ω
C7 = 390pF Film
R3 = 15K
Ω
C8 = 22nF MKT 1837 (ERO)
R4 = 30K
Ω
C9 = 2.7nF KP1830 (ERO)
R5 = 22
Ω
C10 = 0.33
µF Film
R6 = 4K7
C11 = 1nF
R7 = see tab. A
**C12, C13, C14 = 100
µF 40VL EKR (ROE)
R8 = OPTION
C15 = 1
µF Film
* C1, C2 = 1000
µF 63V EYF (ROE)
D1 = SB 560 (or equivalent)
L1 = 150
µH core 58310 MAGNETICS 45 TURNS 0.91mm (AWG 16) COGEMA 949181
V0
R10
R8
12V
4.7K
Ω
6.2K
Ω
15V
4.7K
Ω
9.1K
Ω
18V
4.7K
Ω
12K
Ω
24V
4.7K
Ω
18K
Ω
Operating Frequency
Bootstrap Cap.c10
f = 20KHz
≥680nF
f = 50KHz
≥470nF
f = 100KHz
≥330nF
f = 200KHz
≥220nF
f = 500KHz
≥100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com