Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 15Page - STMicroelectronics AN557 Datasheet HTML 16Page - STMicroelectronics AN557 Datasheet HTML 17Page - STMicroelectronics AN557 Datasheet HTML 18Page - STMicroelectronics AN557 Datasheet HTML 19Page - STMicroelectronics AN557 Datasheet HTML 20Page - STMicroelectronics AN557 Datasheet HTML 21Page - STMicroelectronics AN557 Datasheet HTML 22Page - STMicroelectronics AN557 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19/52
AN557 APPLICATION NOTE
The criterium is to define Z1, Z2 close to the resonant pole of the output LC filter. The Gm/2
ΠC1 pole must
be placed at a frequency at which open loop gain is below 0dB axis (fig. 22).
CURRENT LIMITING
A complete regulation system will be equipped with a good current limiter able to protect from load break-
ing and operator error controlls. The current limiting function is totally integrated and does not require any
external component. The output current is sensed by an internal low-value resistor, in series with the drain
of the DMOS vertical power transistor..
A precision current limitation of ± 10% relative at the peak current is guaranted. During overcurrent situa-
tion the pulse by pulse current limitation produce an output stage switching frequency reduction. The block
diagram of the current limiting is shown in fig. 23.
Figure 23. Current protection circuit.
In overcurrent situation the comparator send a signal at the flip-flop set input, an inhibit pulse is immediatly
generated from it and sended at the output stage switching off the power mos.
A reset pulse input in generated from an 40KHz internal oscillator.
After the first reset pulse the control loop will start to regulate the system an the output current will increase
following the principal oscillator frequency. If overcurrent condition is still present the current limiting will
be activate again.
This type of current limiting ensure a constant output current in overload or short circuit condition and allow
a good reliability at high frequency (500KHz) reducing the problems relative at the internal signal delay
through the protection blocks. The inductor current in overload condition in shown in fig. 24.
Figure 24. Overload inductance current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com