Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 5 Page - STMicroelectronics

  AN557 Datasheet HTML 1Page - STMicroelectronics AN557 Datasheet HTML 2Page - STMicroelectronics AN557 Datasheet HTML 3Page - STMicroelectronics AN557 Datasheet HTML 4Page - STMicroelectronics AN557 Datasheet HTML 5Page - STMicroelectronics AN557 Datasheet HTML 6Page - STMicroelectronics AN557 Datasheet HTML 7Page - STMicroelectronics AN557 Datasheet HTML 8Page - STMicroelectronics AN557 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5/52
AN557 APPLICATION NOTE
Which therefore gives:
Fig. 4h shows the voltage ripple VESR due to the resistive component of the capacitor. This component is
VESR (t) = iC (t) × ESR. Fig. 4i shows the overall ripple Vo, which is the sum of the two previous compo-
nents. As the frequency increases (> 20kHz), which is required to reduce both the cost and the sizes of L
and C, the VESR component becomes dominant. Often it is necessary to use capacitors with greater ca-
pacitance (or more capacitors connected in parallel to limit the value of ESR within the required level.
We will now examine the stepdown configuration in more detail, referring to fig. 1 and taking the be-haviour
shown in Fig. 4 into account.
Starting from the initial conditions, where Q = ON, vC = Vo and iL = iD = 0, using Kirckoff second principle
we may write the following expression:
Vi = vL + vC (Vsat is neglected against Vi).
(1)
which gives :
(2)
The current through the inductance is given by :
(3)
When Vi, Vo, and L are constant, IL varies linearly with t. Therefore, it follows that :
(4)
When Q is OFF the current through the coil has reached its maximum value, Ipeak and because it cannot
very instantaneously, the voltage across the ased to allow the recirculation of the current through the load.
When Q switches OFF, the following situation is present:
vC(t) = Vo, iL (t) = iD (t) = Ipeak
And the equation associated to the following loop may be written :
(5)
where : vC = Vo
(6)
It follows therefore that :
(7)
Q
∆
1
2
---
T
2
---
I
L
∆
2
--------
⋅⋅
=
V
C
∆
Q
C
----
I
L
∆
8fc
--------
==
V
i
L
d
IL
dt
--------
v
C
+
L
d
IL
dt
--------
V
o
+
⋅
==
d
IL
dt
--------
V
i
V
o
–
()
L
-----------------------
=
I
L
V
i
V
o
–
()
L
-----------------------
=
I
L
+
∆
V
i
V
o
–
()T
ON
L
-----------------------------------
=
V
F
L
d
IL
dt
--------
v
C
++
0
=
dI
L
dt
--------
V
F
V
o
+
()
L
-------------------------
–
=
i
L t
()
V
F
V
o
+
T
-------------------- t
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com