Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 17Page - STMicroelectronics AN557 Datasheet HTML 18Page - STMicroelectronics AN557 Datasheet HTML 19Page - STMicroelectronics AN557 Datasheet HTML 20Page - STMicroelectronics AN557 Datasheet HTML 21Page - STMicroelectronics AN557 Datasheet HTML 22Page - STMicroelectronics AN557 Datasheet HTML 23Page - STMicroelectronics AN557 Datasheet HTML 24Page - STMicroelectronics AN557 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21/52
AN557 APPLICATION NOTE
Figure 25. Power fail and reset circuit.
Figure 26. Reset and power fail and reset circuit.
Figure 27. Power stage circuit.
Vi
RISING P.FAIL
THRESHOLD
TURN-ON
THRESHOLD
11V
FALLING P.FAIL
THRESHOLD
TURN-OFF THRESHOLD
10V
t
5.1V
100mV
HISTERESIS
4.9V
5V
FALLING
RESET
THRESHOLD
Vo=5.1V
RISING RESET
THRESHOLD
OUTPUT RESET
tDR
tDR
t
t
t
DELAY RESET
POWER FAIL TIME
D93IN013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com