Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 8Page - STMicroelectronics AN557 Datasheet HTML 9Page - STMicroelectronics AN557 Datasheet HTML 10Page - STMicroelectronics AN557 Datasheet HTML 11Page - STMicroelectronics AN557 Datasheet HTML 12Page - STMicroelectronics AN557 Datasheet HTML 13Page - STMicroelectronics AN557 Datasheet HTML 14Page - STMicroelectronics AN557 Datasheet HTML 15Page - STMicroelectronics AN557 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
AN557 APPLICATION NOTE
12/52
been selected. The typical duration of the synchronizing pulse with the suggested values of Cosc are as
follows:
Obviously, synchronize pulses of eccessive duration can greatly reduce the max duty-cycle and produce
distortions in the sawtooth of the synchronized regulator working as slave.
P.W.M.
Comparing the sawtooth signal generated by the oscillator and the output of the error amplifier, generates
the PWM signal which is sent to the driver of the output power stage. The PWM signal, in the path towards
the output stage, also encounters a latch block to prevent other pulses from being sent at same period to
the output, possibly damaging the power stage. In the PWM block, a duty-cycle limiter has also been in-
troduced. Such a limiter is obtained by taking advantage of the synchronizing pulse generated, the power
output stage is inhibited. Even if the error amplifier gives a large signal to the peak of the ramp, the power
stage will not be able to operate in DC, but will be switched off at each clock pulse. The max. obtainable
duty-cycle is higher than 90%; this, however depends on the working frequency and the value of Cosc.
Using the formulas 6) and 7) a precise calculation can be done.
SOFT START
The Soft Start function is essential for a correct startup of the device and for an output voltage that, at the
switch on, increases in a monotonous mode without dangerous output overvoltages and without over-
stress for the power stage.
Soft Start operates at the startup of the system and after an intervention of the thermal protection. Fig. 9
shows the simplified diagram of the startup functions. The function is carried out by means of an external
capacitor connected to the Soft Start pin, which is charged with a constant current of about 100
µA to a
value of around 7V. During the charging time, the output of the error transcon-ductance amplifier, because
of Q1, is forced to increase at the same rising edge time of the external softstart capacitor Css.
L497X Family (MULTIWATT PACKAGE)
Cosc (nf) - Rosc = 16KΩ
Sync (ns)
0.68
140
1230
1.2
270
1.5
330
2.2
450
3.3
680
4.7
1100
L497X Family (POWERDIP PACKAGE)
Cosc (nf) - Rosc = 30KΩ
Sync (ns)
1.2
230
1.5
280
2.2
420
3.3
600
4.7
900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com