Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 35Page - STMicroelectronics AN557 Datasheet HTML 36Page - STMicroelectronics AN557 Datasheet HTML 37Page - STMicroelectronics AN557 Datasheet HTML 38Page - STMicroelectronics AN557 Datasheet HTML 39Page - STMicroelectronics AN557 Datasheet HTML 40Page - STMicroelectronics AN557 Datasheet HTML 41Page - STMicroelectronics AN557 Datasheet HTML 42Page - STMicroelectronics AN557 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39/52
AN557 APPLICATION NOTE
Figure 50. Waveforms for L = 50
µH
Figure 51. Waveforms for L = 230
µH
Figure 52. Waveforms in case of core satura-
tion
Anyway some general rules should be observed in
order to avoid any "poor functioning". These rules
include:
a) the catch diode, that further to be the suggested
type in the test circuit, it has to be assembled on
the printed circuit very close to the output of the
regulator, in order to minimize the leakage in-
ductance and avoid over voltage due to the long
connection:
b) The inductor, avoiding the saturation at the
maximum current guaranted by the current
limitation of the device.
If oscillations on the output voltage at low ambient
temperature (i.e.: below 0°C) are originated an
output low ESR capacitor has to be used. Oscilla-
tions on the output al low frequency indicate insta-
bility of the control loop; in this case a changing of
the network compensation is suggested (see Error
Amplifier section).
LOW COST APPLICATION
The fig. 53 shows the low cost application of a
power supply of 10A and 5.1V.
In comparison of the complete application (and
this is valid for all the devices of the family) the ex-
ternal components relative to the reset and power
fail functions can be missed.
When a lower output voltage ripple is not required
it is possible to eliminate the capacitors connected
at the reference voltage pin of 5.1V (i.e.: pin 14 for
Multiwatt package. pin 13 for plastic package) The
reset input pin is suggested to connect it to
ground.
The soft start capacitor value can be reduced to
100nF for 5V output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com