Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 4Page - STMicroelectronics AN557 Datasheet HTML 5Page - STMicroelectronics AN557 Datasheet HTML 6Page - STMicroelectronics AN557 Datasheet HTML 7Page - STMicroelectronics AN557 Datasheet HTML 8Page - STMicroelectronics AN557 Datasheet HTML 9Page - STMicroelectronics AN557 Datasheet HTML 10Page - STMicroelectronics AN557 Datasheet HTML 11Page - STMicroelectronics AN557 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AN557 APPLICATION NOTE
8/52
Figure 5. Equivalent Circuit Showing Recirculation when Q1 is Turned Off.
From the behaviour shown in Fig. 4 it may be calculated that the charge current of the output capacitor,
within a period, is
∆IL/4, which is supplied for a time T/2. It follows therefore that :
(19)
but, remembering expression (4) :
and
therefore equation (19) becomes :
Finally, calculating C it follows that :
(20)
where :
L is in Henrys
C is in Farads
f is in Hz
Finally, the following expression should be true :
(21)
It may happen that to satisfy relation (21) a capacitance value much greater than the value calculated
through (20) must be used.
TRANSIENT RESPONSE
Sudden variations of the load current give rise to overvoltages and undervoltages on the output voltage.
Since ic = C (dvc/dt) (22), where dvc = ∆Vo, the instantaneous variation of the load current ∆Io is supplied
during the transient by the output capacitor. During the transient, also current through the coil tends to
change its value. Moreover, the following is true :
(23)
where diL = ∆Io
vL = Vi – Vo for a load increase
vL = Vo
for a load decrease
V
C
∆
I
L
∆
4C
--------
T
2
---
I
L T
∆
8C
------------
I
L
∆
8fc
--------
==
=
I
L
+
∆
V
i
V
o
–
()T
ON
L
-----------------------------------
=
T
ON
V
o
V
i
------ T
=
V
C
∆
V
i
V
o
–
()V
o
8 V
i f
2
LC
------------------------------
=
C
V
i
V
o
–
()V
o
8 V
i
V
C f
∆
2
L
--------------------------------------
=
ESR
ma x
V
Cm a x
∆
I
L
∆
---------------------
=
v
L
L
di
L
dt
--------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com