Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 20Page - STMicroelectronics AN557 Datasheet HTML 21Page - STMicroelectronics AN557 Datasheet HTML 22Page - STMicroelectronics AN557 Datasheet HTML 23Page - STMicroelectronics AN557 Datasheet HTML 24Page - STMicroelectronics AN557 Datasheet HTML 25Page - STMicroelectronics AN557 Datasheet HTML 26Page - STMicroelectronics AN557 Datasheet HTML 27Page - STMicroelectronics AN557 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
AN557 APPLICATION NOTE
24/52
with the value of the external components and with the relative pcb layout.
Output voltages higher than 5.1V are possible using an output resistive divider. For Vo > 24V, for safety
reasons it must be avoided the zero load condition. In the application with high current, connected to the
output divider are added two other resistances that permit the separation of sensing and forcing, in such
way as to compensate the fall of voltage on the connecting cables between the output and the load.
Connecting directly the output to the feedback pin a 5.1V ±2% is obtained. The following table can be help
for a rapid calculation of a resistor divider to obtain some of the most standard output voltage.
Figure 29. L4970A Typical Application Circuit.
Figure 30. Test and Evaluation Board Circuit
TYPICAL PERFORMANCES (using evaluation board) :
n = 83% (Vi = 35V ; Vo = VREF ; Io = 10A ; fSW = 200KHz)
Vo RIPPLE = 30mV (at 10A) with output filter capacitor ESR ≤ 60mΩ
Line regulation = 5mV (Vi = 15 to 50V)
Load regulation = 15mV (Io = 2 to 10A)
For component values, refer to test circuit part list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com