Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 13Page - STMicroelectronics AN557 Datasheet HTML 14Page - STMicroelectronics AN557 Datasheet HTML 15Page - STMicroelectronics AN557 Datasheet HTML 16Page - STMicroelectronics AN557 Datasheet HTML 17Page - STMicroelectronics AN557 Datasheet HTML 18Page - STMicroelectronics AN557 Datasheet HTML 19Page - STMicroelectronics AN557 Datasheet HTML 20Page - STMicroelectronics AN557 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17/52
AN557 APPLICATION NOTE
It must be remembered, however, that because of the high output impedance of the error amplifier, a sec-
ond pole is also present:
18)
We normally suggest a high value for R1 to reduce the value of the capacitor C1 and allocate the pole P2
at the highest possible frequency. The essential limitation to the max value of R1 is the offset introduced
by the input bias current of the error amplifier. In the case of output voltage regulated higher than 5.1V, an
external divider should be introduced. It’s than possible to introduce a second zero using the following net-
work:
Figure 18. Compensation network for output voltages higher than 5.1V
Two zeros and two poles are introduced:
19)
Where
APPLICATION EXAMPLE
Consider the block diagram of fig. 19, representing the internal control loop section, with the application
values:
Fswitch = 200KHz, L = 100
µH, C = 1000µF, Po = 50W, Vo = 5.1V, Io = 10A and Fo = 500Hz. Gloop = PWM
× Filter
Figure 19. Block diagram used in stability calculation
P2
Gm
2
Π C1
------------------
=
Z1
1
2
Π R
o Cc
---------------------------
Z2
1
2
Π R1 C1
-----------------------------
=
=
P1
1
2
Π R
o Cc
---------------------------
P2
1
2
Π Rx C1
-----------------------------
=
=
Rx
R1 R 2
⋅
R1
R2
+
----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com