Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 42Page - STMicroelectronics AN557 Datasheet HTML 43Page - STMicroelectronics AN557 Datasheet HTML 44Page - STMicroelectronics AN557 Datasheet HTML 45Page - STMicroelectronics AN557 Datasheet HTML 46Page - STMicroelectronics AN557 Datasheet HTML 47Page - STMicroelectronics AN557 Datasheet HTML 48Page - STMicroelectronics AN557 Datasheet HTML 49Page - STMicroelectronics AN557 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
AN557 APPLICATION NOTE
46/52
CURRENT GENERATOR
Often it is required to generate constant current , fixed or adjustable, for various applications, such as chem-
ical process, lamp powering, battery charger for lead acids, ni-cd and ni-me-hyd batteries.
Figure 65. Constant Current Generator and battery chargers.
Figure 66.
In this paragraph some suggestions will be given for how to abtain generators of constant current, more
or less sophisticated according to the need. The examples given are time by time applicable to the differ-
ent devices of this family of regulators, with the necessary adjustement according to the current required
by the application.
The diagram of fig. 66 propose a simple solution that makes use of two esternal small signal-transistor
L4972A
11
7
8
R2 2.4K
STPS640
30K
13
20
330
Ω
1K
220nF
1
9
150
µH
470
µF
Vo=12V/1A
2200
µF
Vi
≤40V
D93IN003A
18
17
5
10K
0.1
µF
Q2
Q1
R1 50
Ω
Rsense 100m
Ω
Rx
100K
OUTPUT
STAGE
PWM
E/A
+
-
5.1
2
1
10
15
14
8
L4972A/74A
6
11
9
LM358
+
-
100nF
100
4.7K
100
Rs
V+
Iomax=
V+
Rs
V+=
5.1 100
100+4.7K
~100mV
D93IN004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com