Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 31Page - STMicroelectronics AN557 Datasheet HTML 32Page - STMicroelectronics AN557 Datasheet HTML 33Page - STMicroelectronics AN557 Datasheet HTML 34Page - STMicroelectronics AN557 Datasheet HTML 35Page - STMicroelectronics AN557 Datasheet HTML 36Page - STMicroelectronics AN557 Datasheet HTML 37Page - STMicroelectronics AN557 Datasheet HTML 38Page - STMicroelectronics AN557 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
35/52
AN557 APPLICATION NOTE
Resistors value for standard output voltages.
Rx corresponds to R9 for L4974A and L4972A Ry
corresponds to R10 for L4970A, L4977A and
L4975A
Rx corresponds to R7 for L4974A and L4972A Ry
corresponds to R8 for L4970A, L4977A and
L4975A
The suggested switching frequency, and used in
the dynamic tests, is 200KHz for the Multiwatt®
package (MW) and 100KHz for the powerdip plas-
tic package (PDIP). The maximum switching fre-
quency allowed is 500KHz.
For the types in plastic package (Powerdip), the
lower switching frequency suggested is only de-
pended by the minor dissipating power of a plastic
package versus a "power package" because it is
well known that switching losses are directly pro-
portional to the commutation frequency. Higher
switching frequencies are possible if limited output
current is required and the operating ambient tem-
perature are lower than 70°C. Infact the oscillator
of the devices assembled in dual in line is com-
pletely equivalent to Multiwatt® package.
The most important external components which
need a little more attention (because a properly di-
mensioning affects on the performance of the ap-
plication) are the input and output capacitors, the
freewheeling diode and the coil.
Figure 45. Oscillator waveform and sync. pulse
for Vi = 35V
Figure 46. Oscillator waveform and sync. pulse
for Vi = 15V
Figure 47. Oscilloscope photograph showing
the short circuit output voltage and
current waveforms.
INPUT OUTPUT CAPACITORS
The output voltage ripple
∆Vo, essentially de-
pends on the current ripple in the coil and the ESR
of the output capacitor at the switching frequency.
The capacitor that present a low ESR are capable
of supporting higher current ripples.
Today, the majority of the constructors of elec-troli-
thic capacitors offer in their data book also a wide
range of "low ESR" types generally suggested for
switching power supply application. In our case
EKR and EKE series (ROE) has been preferred.
Such a series capacitors are designed for applica-
tions at high frequency, 200KHz, and built to have
a low ESR in order of supporting high current rip-
ple.
In order to minimize the effects caused by the ESR
of the capacitors on the output voltage ripple 3 ca-
pacitors of 220uF/40V (for high output current ap-
plication) are connected in parallel.
Vo
(V)
Rx
(k
Ω)
Ry
(k
Ω)
12
4.7
6.2
15
4.7
9.1
18
4.7
12
24
4.7
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com