Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 38Page - STMicroelectronics AN557 Datasheet HTML 39Page - STMicroelectronics AN557 Datasheet HTML 40Page - STMicroelectronics AN557 Datasheet HTML 41Page - STMicroelectronics AN557 Datasheet HTML 42Page - STMicroelectronics AN557 Datasheet HTML 43Page - STMicroelectronics AN557 Datasheet HTML 44Page - STMicroelectronics AN557 Datasheet HTML 45Page - STMicroelectronics AN557 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
AN557 APPLICATION NOTE
42/52
Figure 56.
Figure 57.
Figure 58.
POWER SUPPLY WITH 0 TO 25V ADJUSTABLE OUTPUT VOLTAGE
a) It is a classical solution with high performance that make use of a negative reference voltage equal to
the value of the internal voltage of the device (5.1V).
To generate this negative reference voltage, it is useful to equip the mains trnsformer with another sec-
ondary winding at a low voltage of around 8Vac and capable of delivering a few dozen of mA.
During the phase of starting up and stopping of the mains, it is important to avoid generating oscillations
around the value of the output voltage , including the zero voltage.
For this reason a network consisting of two NPN signal transistors TR1 and TR2 and some resistors
has been introduced.
The transistor TR2 remains is saturation when TR1 is off, untill the output voltage of the negative reg-
ulator reaches 4.3V At this point TR1 goes in saturation, sending off TR2. In this way the soft start is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com