Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 40Page - STMicroelectronics AN557 Datasheet HTML 41Page - STMicroelectronics AN557 Datasheet HTML 42Page - STMicroelectronics AN557 Datasheet HTML 43Page - STMicroelectronics AN557 Datasheet HTML 44Page - STMicroelectronics AN557 Datasheet HTML 45Page - STMicroelectronics AN557 Datasheet HTML 46Page - STMicroelectronics AN557 Datasheet HTML 47Page - STMicroelectronics AN557 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
AN557 APPLICATION NOTE
44/52
The current, flowing in backward, to have 0V it will be:
∆VR2 = R2 · 0.21 = 4.7k · 0.21 = 1V
Therefore, when the cursor "P" reaches Vref + 1V the output voltage goes to zero.
At this point we are able to define as well the values of P1 and R3.
When the "P" cursor is completely moved to high, there should be 6V of dropping to "P", and in this way
0.6mA will flow.
The current flowing in R3, considering that the voltage at pin 15 has a typical value of 12V, it will be of
0.8mA.
In this case the R3 value will be 7K5ohm.
3.3V / 10A DC-DC CONVERTER
When an output voltage lower to the reference voltage of 5.1V must be stabilized with a good result from
stability and regulation point of view, and not having available the not-inverting input of the error amplifier,
it is possible to use an external reference.
In this case a TL431C reference has been chosen, which is cheaper and widespread used. In this case
more than a simple reference, it is a true shunt regulator, containing a reference, an error amplifier and a
transistor capable of absorbing a max current of 100mA.
Such component can be compensated like a common OP/AMP, and therefore in our application can sub-
stitute both the internal reference and the error amplifier.
The fig. 61 represents the electrical diagram of the application at 3.3V.
The operating input voltage is between 12V (due to the internal UVLO) and 35V, with a minimum operating
switching frequency of 100KHz.
The maximum operating input voltage is limited only 35V because the minimum "ON" time, which should
not be reduced below 1 microsecond. At input voltage of 35V, output voltage of 3.3V and fs=100KHz the
Ton time is already about of 1 microsecond.
Figure 61.
I1
V
ref
R1
----------
5.1 V
24K
------------
0.21 m A
==
=
L4970A
3
11
8
1
2
14
15
22K
TL431
1K
0.1
µF
10
7
330
Ω
1K
STPS
1545
0.22
µF
6
9
50
µH
EKR
1000
µF
10V
Vo=3.3V
Io=10A
2200
µF
12V <Vi <35V
CORE TYPE 58071 MAGNETICS
D93IN001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com