Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 11Page - STMicroelectronics AN557 Datasheet HTML 12Page - STMicroelectronics AN557 Datasheet HTML 13Page - STMicroelectronics AN557 Datasheet HTML 14Page - STMicroelectronics AN557 Datasheet HTML 15Page - STMicroelectronics AN557 Datasheet HTML 16Page - STMicroelectronics AN557 Datasheet HTML 17Page - STMicroelectronics AN557 Datasheet HTML 18Page - STMicroelectronics AN557 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
15/52
AN557 APPLICATION NOTE
Figure 12. Error Amplifier Circuit.
Figure 13. Open loop gain (error amplifier only)
Figure 14. Error amplifier equivalent circuit.
In which:
15)
where Co = 3pF
The error amplifier can be easily compensated thanks to the high output impedance (see fig. 14) The re-
sulting transfer function is as in the following:
(16)
Av s
()
Gm
R
c
1sR
o Co
+
----------------------------
⋅
=
Av s
()
Gm
R
o
1sR
c Cc
+
()
⋅
s
2
R
o Co Rc Cc
sR
o Cc
R
o Co
R
c Cc
++
() 1
++
---------------------------------------------------------------------------------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com