Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 33Page - STMicroelectronics AN557 Datasheet HTML 34Page - STMicroelectronics AN557 Datasheet HTML 35Page - STMicroelectronics AN557 Datasheet HTML 36Page - STMicroelectronics AN557 Datasheet HTML 37Page - STMicroelectronics AN557 Datasheet HTML 38Page - STMicroelectronics AN557 Datasheet HTML 39Page - STMicroelectronics AN557 Datasheet HTML 40Page - STMicroelectronics AN557 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37/52
AN557 APPLICATION NOTE
Table 4. Admissible ripple current
Rated cap.
(
µF)
Rated volt.
(V)
Dimensions
D x L (mm)
(nominal
dimen-
sions)
Dissipation
factor tan
δ
(100Hz;
20°C) Lim.
Values
Impedance
Z (
Ω)
(100KHz;
20°C)
(Lim. val-
ues)
Impedance
Z (
Ω)
(100KHz;
-10°C)
(Lim. val-
ues)
Impedance
Z (
Ω)
(100KHz;
-40°C)
(Lim. val-
ues)
Admissible
ripple curr.
(mA)100Hz)
105°C
EKE
22
33
47
100
220
330
330
470
10
10
10
10
10
10
10
10
5 x 11
5 x 11
5 x 11
5 x 11
6.3 x 11
8 x 11.5
8.5 x 12.5
8 x 11.5
0.19
0.19
0.19
0.19
0.19
0.19
0.19
0.19
1.30
1.30
1.30
1.30
0.60
0.33
0.33
0.33
3.90
3.90
3.90
3.90
1.80
0.99
0.99
0.99
20
20
20
20
9.80
5.80
5.80
5.80
154
154
154
1 54
260
400
400
400
100
220
220
330
470
16
16
16
16
16
6.3 x 11
8 x 11.5
8.5 x 12.5
8 x 11.5
10 x 12.5
0.16
0.16
0.16
0.16
0.16
0.60
0.33
0.33
0.33
0.25
1.80
0.99
0.99
0.99
0.75
9.80
5.80
5.80
5.80
3.20
260
400
400
400
510
100
220
330
470
25
25
25
25
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
0.14
0.14
0.14
0.14
0.60
0.33
0.25
0.19
1.80
0.99
0.75
0.57
9.80
5.80
3.20
2.20
260
400
510
635
100
100
220
330
470
35
35
35
35
35
8 x 11.5
8.5 x 12.5
10 x 12.5
10 x 16
10 x 20
0.12
0.12
0.12
0.12
0.12
0.33
0.33
0.25
0.19
0.14
0.99
0.99
0.75
0.57
0.42
5.80
5.80
3.20
2.20
1.50
400
400
510
635
860
Ambient Temp.
δu in ×C
Admissible % of the
85
°C value
Surface Temp.
in
°C
Admissible % of the
105
°C value
Surface Temp.
in
°C
≤ 40
220 %
55
230 %
55
45
210 %
59
220 %
60
50
200 %
63
210 %
64
55
190 %
67
200 %
68
60
180 %
70
190 %
72
65
170 %
74
180 %
76
70
155 %
77
170 %
80
75
140 %
81
160 %
84
80
120 %
84
150 %
88
85
100 %
88
140 %
92
90
90 %
92
130 %
96
95
80 %
97
120 %
100
100
70 %
101
110 %
104
105
60 %
106
100 %
108
Table 3. Low-voltage electrolytic capacitors for switch-mode power supplies with low impedance
values, radial, polarized styles (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com