Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 32Page - STMicroelectronics AN557 Datasheet HTML 33Page - STMicroelectronics AN557 Datasheet HTML 34Page - STMicroelectronics AN557 Datasheet HTML 35Page - STMicroelectronics AN557 Datasheet HTML 36Page - STMicroelectronics AN557 Datasheet HTML 37Page - STMicroelectronics AN557 Datasheet HTML 38Page - STMicroelectronics AN557 Datasheet HTML 39Page - STMicroelectronics AN557 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
AN557 APPLICATION NOTE
36/52
It is necessary much attention also into the choice input capacitors. Also them be at low ESR, because
they must sustain high current ripples. Such current ripples in presents of an inadeguate ESR, would pro-
duce a heating of the capacitor itself (which could affect on the reliability of the component, since in gen-
eral it is sensitive to temperature.
Therefore choosing input capacitor at low ESR is necessary for problems of reliability. In fact such capac-
itors, when used in applications that make use a mains transformer, must support quite elevated peak cur-
rent for short periods a double the mains frequency and the same time be capable to deliver the
instantaneous peak of energy to the load at the switching frequency.
Some other considerations of a general nature can be done on low ESR capacitors. For example of equal
value and type (i.e.: 220
µF - EKR), the ESR of the capacitor decreases at the increasing of its value volt-
age rating, just like its RMS current.
Still, two capacitors of the same value, connected in parallel, withstand an RMS current higher then the
only one of double value, and with the same voltage rating.
When however, more capacitors are connected together in parallel, it is important to design with care the
layout of the printed circuit, in order to distribute as eventy as possible amongst between the different ca-
pacitors the total current ripple.
This is used to avoid dangerous current unbalances in the distribution of the total current between the var-
ious capacitors charging some more others, that could damage the reliability of the system.
Often it is very difficult to know exactly the RMS current flowing throught the capacitors. To know if the
operating condition is a "safe"operating condition or not, a measurement of the package temperature of
the capacitor should be done.
The following table 3 and 4, included in the dat-abook of electrical Roederstain, shows the maximum RMS
current sustainable by the EKR and EKE capacitor versus the ambient temeperature and overtemperature
allowed on the capacitor package.
Table 3. Low-voltage electrolytic capacitors for switch-mode power supplies with low impedance
values, radial, polarized styles
Rated cap.
(
µF)
Rated volt.
(V DC)
Dimensions
D x L (mm)
(nominal
dimen-
sions)
Dissipation
factor tan
δ
(100Hz;
20°C) Lim.
Values
Impedance
Z (
Ω)
(10KHz;
20°C)
(Lim. val-
ues)
Impedance
Z (
Ω)
(10KHz;
20°C)
(Lim. val-
ues)
Admissible
ripple curr.
(mA/100Hz)
85°C
Admissible
ripple curr.
(mA/eff/10-
100Hz)
85°C
EKR
100
220
470
10
10
10
8.7 x 12.7
10 x 12.7
10 x 20
0.12
0.12
0.12
0.85
0.39
0.20
0.65
0.31
0.18
160
300
530
250
450
800
100
220
470
16
16
16
10 x 12.7
10 x 16
12.5 x 20
0.11
0.11
0.11
0.60
0.32
0.16
0.40
0.25
0.13
200
350
600
300
550
900
100
220
470
25
25
25
10 x 12.7
10 x 16
12.5 x 20
0.09
0.09
0.09
0.5
0.25
0.13
0.35
0.17
0.09
250
450
650
400
700
1000
100
220
470
40
40
40
10 x 16
12.5 x 20
12.5 x 30
0.08
0.08
0.08
0.4
0.17
0.09
0.23
0.13
0.08
450
650
1000
700
1000
1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com