Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 2 Page - STMicroelectronics

  AN557 Datasheet HTML 1Page - STMicroelectronics AN557 Datasheet HTML 2Page - STMicroelectronics AN557 Datasheet HTML 3Page - STMicroelectronics AN557 Datasheet HTML 4Page - STMicroelectronics AN557 Datasheet HTML 5Page - STMicroelectronics AN557 Datasheet HTML 6Page - STMicroelectronics AN557 Datasheet HTML 7Page - STMicroelectronics AN557 Datasheet HTML 8Page - STMicroelectronics AN557 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
AN557 APPLICATION NOTE
2/52
Figure 1. BCD process and increase in power ICs complexity.
Figure 2. Cross Section of the BCD Mixed Technology.
THE STEP-DOWN CONFIGURATION
Fig. 3 shows the simplified block diagram of the circuit realizing the step-down configuration. This circuit
operates as follows : Q1 acts as a switch at the frequency f and the ON and OFF times are suitably con-
trolled by the pulse width modulator circuit. When Q1 is saturated, energy is absorbed from the input which
is transferred to the output through L. The emitter voltage of Q1, VE, is Vi-Vsat when Q is ON and -VF (with
VF the forward voltage across the D diode as indicated) when Q1 is OFF. During this second phase the
current circulates again through L and D. Consequently a rectangular shaped voltage appears on the emit-
ter of Q1 and this is then filtered by the L-C-D network and converted into a continuous mean value across
the capacitor C and therefore across the load. The current through L consists of a continuous component,
ILOAD, and a triangular-shaped component super-imposed on it, ∆IL, due to the voltage across L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com