Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 19Page - STMicroelectronics AN557 Datasheet HTML 20Page - STMicroelectronics AN557 Datasheet HTML 21Page - STMicroelectronics AN557 Datasheet HTML 22Page - STMicroelectronics AN557 Datasheet HTML 23Page - STMicroelectronics AN557 Datasheet HTML 24Page - STMicroelectronics AN557 Datasheet HTML 25Page - STMicroelectronics AN557 Datasheet HTML 26Page - STMicroelectronics AN557 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
23/52
AN557 APPLICATION NOTE
THERMAL SHUTDOWN
The thermal protection intervenes when the junction temperature reaches 150°C; it intervenes directly on
the output stage turning it off quikly and in the meantime discharging the soft start capacitor.
The reference voltage and the oscillator will continue to work regularly.
The thermal shutdown has a hysteresis, after its intervention, it is necessary to wait for the junction tem-
perature to lower around 30°C before the device will begin to work properly again.
The device restart to work by using the soft start function.
Table 2. High Current Switching Regulator ICs.
APPLICATIONS
Even though the regulators of the L4970A family has been designed to work only in step down configura-
tion we will see next how these regulators can be use in large range of applications. In same cases the
L4970A device will be used as an example for the entire family assembled in Multiwatt package and the
L4974A will be used for the types in powerdip package.
Anyway the suggested applications can be extended to any other device of the family by adjusting if nec-
essary the external components using the given equation for the calculation.
Typical Application
The Fig. 29 shows the electrical diagram of the typical application, complete with all the auxiliary functions.
The same application suggested in the data sheet as test circuit and is the same used for the final dynamic
test. All our devices are 100% tested both in static and dynamic conditions.
Included in the dynamic test are obviously the external components: the coil, catch diode and output ca-
pacitor which have been defined for all regulators.
Shown below are the electrical diagrams of 5 devices that compose the family of this regulator complete
Parameter
L497X FAMILY
L4970A
L4977A
L4975A
L4974A
L4972A
L4972AD
Surf. Mount.
Max. Input Operating
Voltage
50V
50V
50V
50V
50V
50V
Output Voltage Range
5.1V (
±2%) to 40V
Max. Output Current
10A
7A
5A
3.5A
2A
2A
Power Switch
RDSON at 25°C
0.13
Ω typ.
Switching Mode Control
System
Continuous Mode, Direct Duty Cycle Control with Voltage Feed-Forward
Max. Switching Freq.
500KHz
500KHz
500KHz
200KHz
200KHz
200KHz
Efficiency
VINPUT = 35V
VOUT = 5.1V
10A
80%
at 200KHz
7A
80%
at 200KHz
5A
85%
at 200KHz
3.5A
85%
at 100KHz
2A
85%
at 100KHz
2A
85%
at 100KHz
Current Limiting
Constant Current
Soft Start
Yes
Reset and Power Fail
Yes
Synch
Yes
Crowbar
No
Package
Max. Rth j-case (pin)
Rth j-amb
Multiwatt15
1
°C/W
35
°C/W
Multiwatt15
1
°C/W
35
°C/W
Multiwatt15
1
°C/W
35
°C/W
Powerdip
16+2+2
12
°C/W
60
°C/W
Powerdip
16+2+2
12
°C/W
60
°C/W
SO20L
6
°C/W
80
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com