Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 39Page - STMicroelectronics AN557 Datasheet HTML 40Page - STMicroelectronics AN557 Datasheet HTML 41Page - STMicroelectronics AN557 Datasheet HTML 42Page - STMicroelectronics AN557 Datasheet HTML 43Page - STMicroelectronics AN557 Datasheet HTML 44Page - STMicroelectronics AN557 Datasheet HTML 45Page - STMicroelectronics AN557 Datasheet HTML 46Page - STMicroelectronics AN557 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
43/52
AN557 APPLICATION NOTE
blocked and the device begins to work starting in soft start. Switching off the mains voltage, the regu-
lator generating the negative volatge is still in regulation when the input voltage of the switching con-
verter has already dropped below the turn on threshold.
Carefull attention must be given therefore to calculate the input capacitor of the two sections in order
to avoid possible malfunctioning during the turning on and turning off.
b) a solution that presents a cheaper costs and tha doesn’t use a negative reference voltage is the follow-
ing: Setting the cursor "P" to the adjustable resistance at 0V, using R1 and R2 the maximum output
voltage can be fixed. In this case we set R1 = 24Kohm and R2 = 4K7ohm.
In R1 the maximum flowing current will be limited at 1mA; with 1mA flowing in R1, Vo = 30V. Now by
reducing the current in R1 the output voltage Vo can be adjusted till to 0V.
Figure 59.
Figure 60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com