Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 44Page - STMicroelectronics AN557 Datasheet HTML 45Page - STMicroelectronics AN557 Datasheet HTML 46Page - STMicroelectronics AN557 Datasheet HTML 47Page - STMicroelectronics AN557 Datasheet HTML 48Page - STMicroelectronics AN557 Datasheet HTML 49Page - STMicroelectronics AN557 Datasheet HTML 50Page - STMicroelectronics AN557 Datasheet HTML 51Page - STMicroelectronics AN557 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
AN557 APPLICATION NOTE
48/52
In the buck converter, the average input current is:
DESIGN EXAMPLE FOR L4974A
Figure 67. Design Example for L4974A
Up Down Converter
In some applications it is required to stabilize a voltage starting from an input voltage which can be lower
or higher then the output regulated voltage.
In this case a well known buck-boost topology is suggested.
The fig. 68 which shows the electrical diagram of the up-down converter, makes use of the L4974A to gen-
erate an output voltage of 12V at 3A. For output current lower or higher than 3A other devices of this family
can be used. For input voltage less than 20V the zener diode can be avoided.
Such circuit can also be used as a simple step-up. In this case there is a structure of the "asymmetrical
two transistor converter" type, that in the case of a short circuit is automatically protected since the internal
transistor turn-off, disconnecting the power supply.
This doesn’t happen in the classical step-up converter topology, in which, during the short circuit only the
power transistor is protected, but the current in the coil and the freewheeling diode is not limited.
Negative Output Voltage
Often it becomes necessary, in the multioutput power supplies, to generate negative voltages with current
(a)
(b)
Vo = 5.1V Io = 3.5A
Po = 17.85W
Vo = 12V Io = 3.5A
Po = 42W
Ii = 0.388A
Ii = 0.933A
With an operating input voltage of 60V the pre-
regulator will dissipate:
Pd = 5.82W
Pd =13.4W
The overall efficiency will be:
n = 68%
n = 70%
I
i
I
o
T
on
T
---------
⋅
I
o
V
o
V
i
------
⋅
==
L4974A
11
17
818
5
15K
20
SB560
220nF
1
150
µH
3 x
100
µF
EKR
2200
µF
Vi=50 to 70V
D93IN005
BDW23C
3K
10
µF
7
390pF
Vo=5V
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com