Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 1 Page - STMicroelectronics

  AN557 Datasheet HTML 1Page - STMicroelectronics AN557 Datasheet HTML 2Page - STMicroelectronics AN557 Datasheet HTML 3Page - STMicroelectronics AN557 Datasheet HTML 4Page - STMicroelectronics AN557 Datasheet HTML 5Page - STMicroelectronics AN557 Datasheet HTML 6Page - STMicroelectronics AN557 Datasheet HTML 7Page - STMicroelectronics AN557 Datasheet HTML 8Page - STMicroelectronics AN557 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1/52
AN557
APPLICATION NOTE
November 2003
THE TECHNOLOGY
The technology architecture is based on the vertical DMOS silicon gate process that allows a channel
length of 1.5 micron ; using a junction isolation technique it has been possible to mix on the same chip
Bipolar and CMOS transistors along with the DMOS power components (Fig. 2). Figure 1 shows how this
process brings a rapid increase in power IC complexity compared to conventional bipolar technology. In
the 70’s class B circuits and DC circuits allowed output power in the range of 70W. By 1980, with the in-
troduction of switching techniques in power ICs, output powers up to 200W were reached ; with BCD tech-
nology the output power increased up to 400W.
EASY APPLICATION DESIGN WITH THE L4970A,
MONOLITHIC DC-DC CONVERTERS FAMILY
The L497XA series of high current switching regulator ICs exploit Multipower-BCD technology to
achieve very high output currents with low power dissipation – up to 10A in the Multiwatt power package
and 3.5A in a DIP package .


Similar Part No. - AN557

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN5512 ETC-AN5512 Datasheet
147Kb / 3P
TV Vertical Deflection Output Circuit
AN5512 ETC2-AN5512 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5515 PANASONIC-AN5515 Datasheet
78Kb / 3P
TV Vertical Deflection Output Circuit
logo
List of Unclassifed Man...
AN5515 ETC2-AN5515 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5520 PANASONIC-AN5520 Datasheet
170Kb / 3P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
More results

Similar Description - AN557

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TR100 EXTECH-TR100_15 Datasheet
102Kb / 1P
Compact design for easy portability with durable
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
This application note provides an easy introduction to the usage
17-Sep-2013
AN2495 STMICROELECTRONICS-AN2495 Datasheet
812Kb / 36P
The purpose of this application note is to explain the design
19-Apr-2011
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
The purpose of this document is to describe the design of the application
17-Nov-2014
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
logo
List of Unclassifed Man...
ANT-315-HESM ETC2-ANT-315-HESM Datasheet
86Kb / 1P
Compact design for easy concealment
logo
Analog Intergrations Co...
AN026 AIC-AN026 Datasheet
296Kb / 7P
The Charger Design with SEPIC Converter
logo
Lumileds Lighting Compa...
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
High value and easy design-in
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com