Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 10Page - STMicroelectronics AN557 Datasheet HTML 11Page - STMicroelectronics AN557 Datasheet HTML 12Page - STMicroelectronics AN557 Datasheet HTML 13Page - STMicroelectronics AN557 Datasheet HTML 14Page - STMicroelectronics AN557 Datasheet HTML 15Page - STMicroelectronics AN557 Datasheet HTML 16Page - STMicroelectronics AN557 Datasheet HTML 17Page - STMicroelectronics AN557 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
AN557 APPLICATION NOTE
14/52
The PWM comparator block commutates when Vr = Vc. Therefore:
8)
from which is obtained
9)
The time t obtained from this equation is equal to the ON time of the power transistor. The corresponding
duty-cycle is given by:
10)
Consequently, after leaving the discharged capacitor of Soft Start, the output of the regulator will reach its
value when the voltage across the Css capacitor, charged with constant current, has reached the value
Vr - 0.5V.
The time necessary in order that the output rises from zero to the nominal value is given by:
11)
in which Css is the Soft Start capacitor and Iss the Soft Start current. Considering Soft Start time as tss,
the required time for the Soft Start capacitor to change itself approx from (2Vbe - 0.5V) = (1.2V - 0.5V) to
Vr - 0.5V, is:
12)
By taking Vr from (10):
13)
and substituting it in (12), we obtain:
14)
UNDERVOLTAGE LOCKOUT
The device contains the protection block of under-voltage lockout which keeps the power stage turned-off
as long as the supply voltage does not reach at least 12V. At this point the device starts up with Soft Start.
The function of undervoltage is also provided with an hysteresis of 1V to make it better immune to the rip-
ple present on the supply voltage.
ERROR AMPLIFIER
The error amplifier is a transconductance type and deliver an output current proportional to the voltage in-
balance of the two inputs. The simplified diagram is presented in fig 12.The principal characteristics of this
uncompensated operational amplifier are the following: Gm = 4mA/V, Ro = 2.5Mohm, Avo = 80dB, Isource-
sink = 200
µA, Input Bias Current = 0.3µA. The frequency response of the op. amp. is given in fig. 13.
Ignoring the high frequency response and hypothesizing that the second pole is below the 0 dB axis in the
all the conditions of loop compensation, it is possible to make a first approximation with the equivalent cir-
cuit of fig. 14
V
r
V
c
V
pp
T
---------- t
⋅
V
i
9V
be
–
9T
⋅
------------------------- t
⋅
==
=
t
Vr T
V
i
9V
be
–
()
⋅⋅
9
-------------------------------------------------
=
D
t
on
T
-------
Vr T
V
i
9V
be
–
()
⋅⋅
9T
-------------------------------------------------
V
r
V
i
9V
be
–
()
⋅
9
----------------------------------------
V
o
V
i
------
==
=
=
t
start
up
–
C
ss
V
r
0.5 V
–
()
I
ss
-----------------------------
⋅
=
t
ss
C
ss
V
r
1.2V
–
()
I
ss
-----------------------------
⋅
=
V
r
V
o
V
i
------
9
V
i
9V
be
–
-------------------------
⋅
=
t
ss
C
ss
I
ss
---------
V
o
V
i
------
9
V
i
9V
be
–
-------------------------
1.2V
–
⋅



=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com