Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 50 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 44Page - STMicroelectronics AN557 Datasheet HTML 45Page - STMicroelectronics AN557 Datasheet HTML 46Page - STMicroelectronics AN557 Datasheet HTML 47Page - STMicroelectronics AN557 Datasheet HTML 48Page - STMicroelectronics AN557 Datasheet HTML 49Page - STMicroelectronics AN557 Datasheet HTML 50Page - STMicroelectronics AN557 Datasheet HTML 51Page - STMicroelectronics AN557 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
AN557 APPLICATION NOTE
50/52
Figure 70.
LAYOUT CONSIDERATIONS
Both for linear and switching power supplies when the current exceeds 1A a careful layout becomes im-
portant to achieve a good regulation. The problem becomes more evident when designing switching reg-
ulators in which pulsed currents are over imposed on dc currents. In drawing the layout, therefore, special
care has to be taken to separate ground paths for signal currents and ground paths for load currents,
which generally show a much higher value.
When operating at high frequencies the path lenght becomes extremely important. The paths introduce
distributed inductances, producing ringing phenomena and radiating noise into the surrounding space.
The recirculation diode must be connected close to output pin, to avoid giving rise to dangerous extra
negative voltages, due to the distributed inductance.
HEATSINK DIMENSIONING
The heatsink dissipates the heat produced by the device to prevent the internal temperature from reaching
values which could be dangerous for device operation and reliability.
Integrated circuits in plastic package must never exceed 150°C even in the worst conditions. This limit has
been set because the encapsulating resin has problems of vitrification if subjected to temperatures of
more than 150°C for long periods or of more than 170°C for short periods. In any case the temperature
accelerates the ageing process and therefore influences the device life. A well designed heatsink should
keep the junction temperature between 90°C and 110°C. Fig 71 shows the structure of a power device.
As demonstrated in thermo-dynamics, a thermal circuit can be considered to be an electrical circuit where
R1, R2 represent the thermal resistance of the elements (expressed in °C/W) (see fig. 72).
C1, C2
are the thermal capacitance (expressed in
°C/W).
I
is the dissipated power.
V
is the temperature difference with respect to
the reference (ground).
This circuit can be simplified as shown in fig. 74, where:
CC
is the thermal capacitance of the die plus that of the tab.
Ch
is the thermal capacitance of the heatsink
Rjc
is the junction case thermal resistance
Rth
is the heatsink thermal resistance
HIGH POWER
PREREGULATOR
L1
L2
C2
L7805
L7812
L4805
5V/1A
12V/1A
5V/0.4A
D93IN010A
L2 and C2 are necessary to reduce the switching frequency spikes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com