Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN557 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN557
Description  EASY APPLICATION DESIGN WITH THE L4970A
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN557 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN557 Datasheet HTML 18Page - STMicroelectronics AN557 Datasheet HTML 19Page - STMicroelectronics AN557 Datasheet HTML 20Page - STMicroelectronics AN557 Datasheet HTML 21Page - STMicroelectronics AN557 Datasheet HTML 22Page - STMicroelectronics AN557 Datasheet HTML 23Page - STMicroelectronics AN557 Datasheet HTML 24Page - STMicroelectronics AN557 Datasheet HTML 25Page - STMicroelectronics AN557 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
AN557 APPLICATION NOTE
22/52
POWER STAGE
The simplified diagram of the output stage is shown in the fig. 27.
The power stage and the circuit connected with it are by far the most important and critical components
when one wants to obtain good performance at high switching frequency.
The power transistor must have excellent characteristics from the point of view of both the switching speed
and the robustness.
The transistor DMOS, with its intrinsic characteristics of elevated speed, no second breakdown phenomenom and
easy driving proves to be particularly suitable for this type of application that normally works at high frequency.
For a properly driving of the DMOS gate it is necessary to use an external bootstrap capacitor. When the
voltage Vs is low the Cboot capacitor is charged through the internal diode D1, at the value of voltage
equal to that of Vstart, which is about 12V; the next step oversees that Q3 is turned off, Q2 is driven in
gate by Q1 so that Q1 can go in saturation, and its source can go up rise towards Vi.
Cboot maintains its charge and guarantees a voltage equal Vi+12V at the gate of Q7, so that can enter
into region of low resistance.
At this point the diode D1 turns on to be inversely polarized, disconnecting the 12V section from that of
the driving power stage.
When Q2 is ON the driven current of the power stage requires from the bootstrap capacitor a typical cur-
rent of 400uA.
When Q2 is Off a current of 2.5mA is required to mantain Q2 in that state. This current however is not
delivered from the bootstrap capacitor, but rather from the internal regulator of 12V, while the output cur-
rent flowing in the freewheeling diode. The circuit described is capable of obtaining commutation, rise and
fall time, a typical value of 50ns.
In principle, it would have been feasible to reduce furthermore the commutation time whithout any reliabil-
ity problems.
This was not believed to be advantageous since it would not have been of any benefit if one thinks of the
trr time of the catch diode (with trise of 50ns also the Schottky diodes begin to show limitations) and of the
conseguent increase of different disturbances caused bt too higly elevated dI/dt. The following table
shows the main features of the DMOS transistor.
Figure 28. Gate-charge curve for the power
Table 1.
BVDSS > 60V
at ID = 1mA
VGS = 0V
RDS(ON) = 100m
Ω
at ID = 10A
Tj = 25
°CVGS = 10V
RDS(ON) = 150m
Ω
at ID = 10A
Tj = 150
°CVGS = 10V
VTH = 3V
at ID = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com